Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 286 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 286 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 282Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 283Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 284Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 287Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 288Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 289Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 290Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 330 page
background image
WM8351
Production Data
w
PD, April 2012, Rev 4.5
286
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0100 = 180min
0101 = 210min
0110 = 240min
0111 = 270min
1000 = 300min
1001 = 330min
1010 = 360min
1011 = 390min
1100 = 420min
1101 = 450min
1110 = 480min
1111 = 510min
Reading from this field indicates the charge
time remaining:
Time remaining = CHG_TIME * 2048s
Protected by security key. Default held in metal
mask.
7
CHG_MASK_WALL_FB
0
Selects whether to ignore the WALL_FB signal
when charging from LINE.
0 = Does not mask the WALL_FB signal
1 = Mask the WALL_FB signal.
Note: Care needs to be taken when using this
bit.
Protected by security key. Reset by state
machine.
6
CHG_TRICKLE_SEL
0
Selects the trickle charge current.
0 = Set the trickle charge current to 50mA.
1 = Set the trickle charge current to 100mA.
Protected by security key.
5:4
CHG_VSEL[1:0]
00
Battery charge voltage:
00 = 4.05V
01 = 4.1V
10 = 4.15V
11 = 4.2V
Protected by security key.
3:0
CHG_ISEL[3:0]
0110
Fast charge current limit setting.
0000 = off
0001 = 50mA
0010 = 100mA
… (50mA steps)
1111 = 750mA
Note: Do not set the charger to be more than
400mA when USB powered.
Protected by security key.
Register A9h
Battery Charger Control 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com