Electronic Components Datasheet Search
  English  ▼

X  

WM8351 Datasheet(PDF) 287 Page - Wolfson Microelectronics plc

Part # WM8351
Description  Wolfson AudioPlus??Stereo CODEC with Power Management
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8351 Datasheet(HTML) 287 Page - Wolfson Microelectronics plc

Back Button WM8351 Datasheet HTML 283Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 284Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 285Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 286Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 287Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 288Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 289Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 290Page - Wolfson Microelectronics plc WM8351 Datasheet HTML 291Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 330 page
background image
Production Data
WM8351
w
PD, April 2012, Rev 4.5
287
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R170 (AAh)
Battery
Charger
Control 3
7
CHG_FRC
0
Allows trickle-charging to be forced even if the
battery voltage is above the default threshold
0 = only trickle-charge if the battery voltage is
below CHG_VSEL-100mV
1 = always trickle-charge
Protected by security key. Reset by state
machine.
6:5
CHG_THROTTLE_T[1:0]
00
Time between steps when the charger throttles
back due to USB current limit.
00 = 8us
01 = 16us
10 = 32us
11 = 128us
Protected by security key.
Register AAh
Battery Charger Control 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R172 (ACh)
Current Sink
Driver A
15
CS1_ENA
0
Current Sink 1 enable (ISINKA pin)
0 = disabled
1 = enabled
Reset by state machine.
12
CS1_HIB_MODE
0
Current Sink 1 behaviour in Hibernate mode
0 = disable current sink in Hibernate
1 = leave current sink as in Active
Reset by state machine.
5:0
CS1_ISEL[5:0]
00_0000
ISINKA current
00_0000 = 4.05uA
00_0001 = 4.85uA
00_0010 = 5.64uA
00_0011 = 6.83uA
00_0100 = 8.02uA
00_0101 = 9.6uA
00_0110 = 11.2uA
00_0111 = 13.5uA
00_1000 = 16.1uA
00_1001 = 19.3uA
00_1010 = 22.4uA
00_1011 = 27.2uA
00_1100 = 32uA
00_1101 = 38.3uA
00_1110 = 44.7uA
00_1111 = 54.1uA
01_0000 = 64.1uA
01_0001 = 76.8uA
01_0010 = 89.5uA
01_0011 = 109uA
01_0100 = 128uA
01_0101 = 153uA
01_0110 = 178uA
01_0111 = 216uA
01_1000 = 256uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com