| Electronic Components Datasheet Search |
|
WM8352 Datasheet(PDF) 106 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8352 Datasheet(HTML) 106 Page - Wolfson Microelectronics plc |
|
106 / 336 page ![]() WM8352 Production Data w PD, February 2011, Rev 4.4 106 14 POWER MANAGEMENT SUBSYSTEM 14.1 GENERAL DESCRIPTION The WM8352 provides 6 DC-DC Converters and 4 LDO Regulators which each deliver high efficiency across a wide range of line and load conditions. These power management components are designed to support application processors and associated peripherals. They are also suitable for providing power to the analogue and digital functions of the on-board CODEC and GPIO features. The output voltage of each of the converters and regulators is programmable in software through control registers. The WM8352 has a number of operating states which are either selected by software control or are selected autonomously according to the available power supply conditions. A low power active ‘Hibernate’ state is provided, with programmable characteristics. The ‘Backup’ and ‘Zero’ states are selected autonomously when the available supply voltages do not permit full operation of the WM8352. Four configuration modes are provided, selected by hardware control. Development Mode gives complete control over the configuration and start-up behaviour of the WM8352. Three different Custom Modes each have a defined set of configuration parameters, which determine the start-up timing and output voltage of each of the DC-DC Converters and LDO Regulators. The configuration of each of the GPIO pins is also contained with the configuration modes definitions. 14.2 POWER MANAGEMENT OPERATING STATES The WM8352 autonomously controls the power-up and power-down sequencing for itself and for other connected devices. It also selects the most appropriate power source available at any given time (see Section 17). The stable states of the WM8352 are: ACTIVE - All WM8352 functions can be used. The WM8352 enters the ACTIVE state after a valid start-up event (see Section 14.3.1), provided that no fault condition occurred during start-up. HIBERNATE - This is an alternative active state with programmable characteristics, allowing an optional low power system condition. The internally generated supply voltages can be individually enabled or disabled as desired. The WM8352 enters the HIBERNATE state from ACTIVE by setting the HIBERNATE register bit or when commanded via a GPIO pin configured as a HIBERNATE alternate function. OFF - All DC-DC converters and regulators LDO2, LDO3 and LDO4 are disabled. LDO1 may remain active (See Section 14.7.4). The VRTC regulator remains active and powers the always-on functions (such as crystal oscillator and RTC.) Register settings are restored to default settings. Trickle charging for the main battery is enabled by default. The WM8352 enters the OFF state from ACTIVE if a shutdown event occurs (see Section 14.3.3), or if the power source falls below the shutdown threshold (see Section 18). The WM8352 enters the OFF state from BACKUP if a power source greater than the UVLO threshold becomes available. BACKUP - The crystal oscillator and RTC are enabled, powered from the backup power (VRTC) supply. All other functions are disabled. The WM8352 enters the BACKUP state from OFF if the power source falls below the UVLO threshold (see Section 18), and provided that backup power (VRTC) is available (i.e. LINE falls below the UVLO level but VRTC remains above the Power-On Reset threshold). ZERO - All functions are disabled and all data in registers is lost. The WM8352 goes into this state when no power source is available and VRTC falls below the Power-On Reset threshold. The Active state can only be entered via the PRE-ACTIVE state. In Development Mode, the Pre- Active state is the state in which the WM8352 start-up parameters may be defined, prior to the start- up sequence being triggered. The ACTIVE state is only entered on completion of the start-up sequence. The WM8352 operating states and valid transitions are illustrated in Figure 64. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |