Electronic Components Datasheet Search
  English  ▼

X  

WM8352 Datasheet(PDF) 109 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 109 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 113Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 336 page
background image
Production Data
WM8352
w
PD, February 2011, Rev 4.4
109
ADDRESS
BIT
LABEL
DESCRIPTION
2
WKUP_GP_PWR_ON_EINT
PWR_ON (Alternate GPIO function) pin
has been pressed for longer than
specified time.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
WKUP_ONKEY_EINT
ON key has been pressed for longer than
specified time.
(Rising Edge triggered)
Note: This bit is cleared once read.
0
WKUP_GP_WAKEUP_EINT
WAKEUP (Alternate GPIO function) pin
has been pressed for longer than
specified time.
(Rising Edge triggered)
Note: This bit is cleared once read.
R39 (27h)
Comparator
Interrupt
Status Mask
6:0
“IM_” + name of respective
bit in R31
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Each bit in R39 enables or masks the
corresponding bit in R31. The default
value for these bits is 0 (unmasked).
Table 56 Wake-Up Interrupts
14.3.2
POWER-UP SEQUENCING
The WM8352 power supply blocks can be commanded to start up according to a defined sequence
when the WM8352 is commanded into the ACTIVE state. This sequence comprises fourteen
timeslots, where the enabling of each DC-DC converter, LDO voltage regulator and the current limit
switch is associated with one timeslot. In order to minimise supply in-rush current at power-up time,
the start-up of these power supply blocks should be staggered in time by the use of this feature.
The WM8352 proceeds from one time slot to the next after a delay of approximately 1.28ms,
provided that all power supply blocks started up in the current time slot (if any) have reached 90% of
their programmed output voltage. See Section 14.3.4 for details of the WM8352 behaviour if any
power supply block fails to achieve 90% of its programmed output voltage.
14.3.3
SHUTDOWN
The WM8352 goes from ACTIVE or HIBERNATE to the OFF state when a shutdown event occurs.
Shutdown events include:
Software shutdown (setting CHIP_ON = 0)
A trigger signal on a GPIO pin configured as PWR_OFF lasting more than 5ms. The active
polarity of this input is set by GPn_CFG for the applicable GPIO pin (see Section 20).
A trigger signal on the ON pin lasting more than 10 seconds. The active polarity of this
input is set by the register field ON_POL. If required, the de-bounce time can be set to 5
seconds using the ON_DEB_T register bit.
Watchdog time-out (see Section 23) after 7 previous faults.
Fault conditions programmed to trigger a shutdown (see Section 18).
Thermal shutdown (see Section 25)
As part of the start-up sequence, the CHIP_ON bit is set to 1. The software shutdown is commanded
by writing 0 to the CHIP_ON register field as described in Table 57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com