Electronic Components Datasheet Search
  English  ▼

X  

WM8352 Datasheet(PDF) 194 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 194 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 190Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 191Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 192Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 193Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 194Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 195Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 198Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
194
22.4 RTC GPIO OUTPUT
It is possible to configure GPIO6 as an RTC output, as described in Section 20. This output is a
square wave that is derived from the trimmed RTC counter. The frequency can be set to values
between 1Hz and 16.384kHz, as described in Table 136.
Note that, when RTC_TRIM is used to calibrate the crystal oscillator, the nominal 50% duty ratio of
this output may deviate by up to 8 clock periods of the 32.768kHz oscillator on the occasions when
the RTC Seconds Counter is increased (ie. once per second).
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
RTC Time
control
3:0
RTC_DSW [3:0]
0000
Divided Square wave select.
0000 = disabled
0001 = 1Hz
0010 = 2Hz
…
1011 = 1024Hz
1100 = 2048Hz
1101 = 4096Hz
1110 = 8192Hz
1111 = 16384Hz
Note: due to trim settings for crystal
intolerances a single square wave period
during seconds rollover may be decrease
its on time period or increase its off time
period by up to 8 32kHz periods.
Table 136 RTC GPIO Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com