Electronic Components Datasheet Search
  English  ▼

X  

WM8352 Datasheet(PDF) 208 Page - Wolfson Microelectronics plc

Part # WM8352
Description  Wolfson AudioPlus™ Stereo CODEC with Power Management
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8352 Datasheet(HTML) 208 Page - Wolfson Microelectronics plc

Back Button WM8352 Datasheet HTML 204Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 205Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 206Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 207Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 208Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 209Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 210Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 211Page - Wolfson Microelectronics plc WM8352 Datasheet HTML 212Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 336 page
background image
WM8352
Production Data
w
PD, February 2011, Rev 4.4
208
25 TEMPERATURE SENSING
25.1 CHIP TEMPERATURE MONITORING
The WM8352 has a built-in sensor to monitor its internal temperature, with two levels of over-
temperature protection.
When the device temperature exceeds the thermal warning temperature, the WM8352 raises a
SYS_CHIP_GT115_EINT interrupt. If the chip temperature continues to rise, and exceeds the
thermal shutdown temperature, the SYS_CHIP_GT140_EINT interrupt is set and the device shuts
down. After a thermal shutdown, the WM8352 can only restart after its temperature has fallen below
the restart temperature.
The associated register fields are defined in Table 155.
ADDRESS
BIT
LABEL
DESCRIPTION
R26 (1Ah)
Interrupt
Status 2
2
SYS_CHIP_GT115_EINT
Chip over 115°C temp limit.
(Rising Edge triggered)
Note: This bit is cleared once read.
1
SYS_CHIP_GT140_EINT
Chip over 140°C temp limit.
(Rising Edge triggered)
Note: This bit is cleared once read.
R34 (22h)
Interrupt
Status 2 Mask
2:1
“IM_” + name of respective bit
in R26
Each bit in R34 enables or masks the
corresponding bit in R26. The default
value for these bits is 0 (unmasked).
Table 155 Temperature Sensing Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com