Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9915 Datasheet HTML 33Page - Analog Devices AD9915 Datasheet HTML 34Page - Analog Devices AD9915 Datasheet HTML 35Page - Analog Devices AD9915 Datasheet HTML 36Page - Analog Devices AD9915 Datasheet HTML 37Page - Analog Devices AD9915 Datasheet HTML 38Page - Analog Devices AD9915 Datasheet HTML 39Page - Analog Devices AD9915 Datasheet HTML 40Page - Analog Devices AD9915 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
AD9915
Rev. A | Page 37 of 48
Register
Name (Serial
Address)
Bit Range
(Parallel
Address)
Bit 7
(MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
(LSB)
Default
Value
(Hex)1
Digital Ramp
Upper
Limit
Register
(0x05)
[7:0]
(0x14)
Digital ramp upper limit[7:0]
0x00
[15:8]
(0x15)
Digital ramp upper limit[15:8]
0x00
[23:16]
(0x16)
Digital ramp upper limit[23:16]
0x00
[31:24]
(0x17)
Digital ramp upper limit[31:24]
0x00
Rising Digital
Ramp Step
Size
Register
(0x06)
[7:0]
(0x18)
Rising digital ramp increment step size[7:0]
N/A
[15:8]
(0x19)
Rising digital ramp increment step size[15:8]
N/A
[23:16]
(0x1A)
Rising digital ramp increment step size[23:16]
N/A
[31:24]
(0x1B)
Rising digital ramp increment step size[31:24]
N/A
Falling Digital
Ramp Step
Size
Register
(0x07)
[7:0]
(0x1C)
Falling digital ramp decrement step size[7:0]
N/A
[15:8]
(0x1D)
Falling digital ramp decrement step size[15:8]
N/A
[23:16]
(0x1E)
Falling digital ramp decrement step size[23:16]
N/A
[31:24]
(0x1F)
Falling digital ramp decrement step size[31:24]
N/A
Digital Ramp
Rate
Register
(0x08)
[7:0]
(0x20)
Digital ramp positive slope rate[7:0]
N/A
[15:8]
(0x21)
Digital ramp positive slope rate[15:8]
N/A
[23:16]
(0x22)
Digital ramp negative slope rate[7:0]
N/A
[31:24]
(0x23)
Digital ramp negative slope rate[15:8]
N/A
Lower
Frequency
Jump
Register
(0x09)
[7:0]
(0x24)
Lower frequency jump point[7:0]
0x00
[15:8]
(0x25)
Lower frequency jump point[15:8]
0x00
[23:16]
(0x26)
Lower frequency jump point[23:16]
0x00
[31:24]
(0x27)
Lower frequency jump point[31:24]
0x00
Upper
Frequency
Jump
Register
(0x0A)
[7:0]
(0x28)
Upper frequency jump point[7:0]
0x00
[15:8]
(0x29)
Upper frequency jump point[15:8]
0x00
[23:16]
(0x2A)
Upper frequency jump point[23:16]
0x00
[31:24]
(0x2B)
Upper frequency jump point[31:24]
0x00
Profile 0 (P0)
Frequency
Tuning
Word 0
Register
(0x0B)
[7:0]
(0x2C)
Frequency Tuning Word 0[7:0]
0x00
[15:8]
(0x2D)
Frequency Tuning Word 0[15:8]
0x00
[23:16]
(0x2E)
Frequency Tuning Word 0[23:16]
0x00
[31:24]
(0x2F)
Frequency Tuning Word 0[31:24]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com