Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9915 Datasheet HTML 5Page - Analog Devices AD9915 Datasheet HTML 6Page - Analog Devices AD9915 Datasheet HTML 7Page - Analog Devices AD9915 Datasheet HTML 8Page - Analog Devices AD9915 Datasheet HTML 9Page - Analog Devices AD9915 Datasheet HTML 10Page - Analog Devices AD9915 Datasheet HTML 11Page - Analog Devices AD9915 Datasheet HTML 12Page - Analog Devices AD9915 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Data Sheet
AD9915
Rev. A | Page 9 of 48
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
I/O1
Description
1, 2, 13 to 15, 68
to 72, 75 to 81,
87, 88
D5 to D7, D16 to
D31, D27 to D31
I/O
Parallel Port Pins. The 32-bit parallel port offers the option for serial or parallel programming
of the internal registers. In addition, the parallel port can be configured to provide direct FSK,
PSK, or ASK (or combinations thereof) modulation data. The 32-bit parallel port configuration
is set by the state of the four function pins (F0 to F3).
3
D15/A7
I/O
Parallel Port Pin/Address Line. The state of the F0 to F3 function pins determines if this pin
acts as a line for direct FSK, PSK, or ASK data or as an address line for programming the
internal registers.
4
D14/A6
I/O
Parallel Port Pin/Address Line. The state of the F0 to F3 function pins determines if this pin
acts as a line for direct FSK, PSK, or ASK data or as an address line for programming the
internal registers.
5
D13/A5
I/O
Parallel Port Pin/Address Line. The state of the F0 to F3 function pins determines if this pin
acts as a line for direct FSK, PSK, or ASK data or as an address line for programming the
internal registers.
8
D12/A4
I/O
Parallel Port Pin/Address Line. The state of the F0 to F3 function pins determines if this pin
acts as a line for direct FSK, PSK, or ASK data or as an address line for programming the
internal registers.
9
D11/A3
I/O
Parallel Port Pin/Address Line. The state of the F0 to F3 function pins determines if this pin
acts as a line for direct FSK, PSK, or ASK data or as an address line for programming the
internal registers.
10
D10/A2
I/O
Parallel Port Pin/Address Line. Multipurpose pin depending on the state of the function pins
(F0 to F3). The state of the F0 to F3 function pins determines if this pin acts as a line for direct
FSK, PSK, or ASK data or as an address line for programming the internal registers.
11
D9/A1
I/O
Parallel Port Pin/Address Line. Multipurpose pin depending on the state of the function pins
(F0 to F3). The state of the F0 to F3 function pins determines if this pin acts as a line for direct
FSK, PSK, or ASK data or as an address line for programming the internal registers.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
D17
D16
D15/A7
D14/A6
D13/A5
DVDD (1.8V)
DGND
D12/A4
D11/A3
D10/A2
D9/A1
D8/A0
D7
D6
D5
DVDD_I/O (3.3V)
17
DGND
18
D4/SYNCIO
19
D3/SDO
20
D2/SDIO/WR
58
57
56
55
54
53
52
51
50
49
48
47
46
45
LOOP_FILTER
59 REF
60 AVDD (3.3V)
61 SYNC_OUT
62 SYNC_IN
63 DRCTL
64 DRHOLD
65 DROVER
66 OSK
AVDD (1.8V)
AVDD (1.8V)
REF CLK
REF CLK
AVDD (3.3V)
AVDD (3.3V)
AGND
AVDD (3.3V)
AGND
DAC_RSET
AVDD (3.3V)
AGND
DAC_BP
NOTES
1. THE EPAD MUST BE SOLDERED TO GROUND.
21
D1/SCLK/RD
22
D0/CS/PWD
AD9915
TOP VIEW
(Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com