Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 5 Page - Analog Devices

  AD9915 Datasheet HTML 1Page - Analog Devices AD9915 Datasheet HTML 2Page - Analog Devices AD9915 Datasheet HTML 3Page - Analog Devices AD9915 Datasheet HTML 4Page - Analog Devices AD9915 Datasheet HTML 5Page - Analog Devices AD9915 Datasheet HTML 6Page - Analog Devices AD9915 Datasheet HTML 7Page - Analog Devices AD9915 Datasheet HTML 8Page - Analog Devices AD9915 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Data Sheet
AD9915
Rev. A | Page 5 of 48
AC SPECIFICATIONS
AVDD (1.8V) and DVDD (1.8V) = 1.8 V ± 5%, AVDD3 (3.3V) and DVDD_I/O (3.3V) = 3.3 V ± 5%, TA = 25°C, RSET = 3.3 kΩ, IOUT =
20 mA, external reference clock frequency = 2.5 GHz with reference clock (REF CLK) multiplier bypassed, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
REF CLK INPUT
Input frequency range
REF CLK Multiplier Bypassed
Input Frequency Range
500
2500
MHz
Maximum fOUT is 0.4 × fSYSCLK
Duty Cycle
45
55
%
Minimum Differential Input Level
632
mV p-p
Equivalent to 316 mV swing on each leg
System Clock (SYSCLK) PLL Enabled
VCO Frequency Range
2400
2500
MHz
VCO Gain (KV)
60
MHz/V
Maximum PFD Rate
125
MHz
CLOCK DRIVERS
SYNC_CLK Output Driver
Frequency Range
156
MHz
Duty Cycle
45
50
55
%
Rise Time/Fall Time (20% to 80%)
650
ps
SYNC_OUT Output Driver
10 pF load
Frequency Range
6.5
MHz
Duty Cycle
33
66
%
CFR2 register, Bit 9 = 1
Rise Time (20% to 80%)
1350
ps
10 pF load
Fall Time (20% to 80%)
1670
ps
10 pF load
DAC OUTPUT CHARACTERISTICS
Output Frequency Range (1st Nyquist
Zone)
0
1250
MHz
Output Resistance
50
Ω
Single-ended (each pin internally terminated to
AVDD (3.3V))
Output Capacitance
5
pF
Full-Scale Output Current
20.48
mA
Range depends on DAC RSET resistor
Gain Error
−10
+10
% FS
Output Offset
0.6
μA
Voltage Compliance Range
AVDD −
0.50
AVDD +
0.50
V
Wideband SFDR
See the Typical Performance Characteristics
section
122.5 MHz Output
−67
dBc
0 MHz to 1250 MHz
305.3 MHz Output
−66
dBc
0 MHz to 1250 MHz
497.5 MHz Output
−59
dBc
0 MHz to 1250 MHz
978.2 MHz Output
−60
dBc
0 MHz to 1250 MHz
Narrow-Band SFDR
See the Typical Performance Characteristics
section
122.5 MHz Output
−95
dBc
±500 kHz
305.3 MHz Output
−95
dBc
±500 kHz
497.5 MHz Output
−95
dBc
±500 kHz
978.2 MHz Output
−92
dBc
±500 kHz
DIGITAL TIMING SPECIFICATIONS
Time Required to Enter Power-Down
45
ns
Power-down mode loses DAC/PLL calibration
settings
Time Required to Leave Power-Down
250
ns
Must recalibrate DAC/PLL
Minimum Master Reset time
24
SYSCLK cycles
Maximum DAC Calibration Time (tCAL)
152
µs
fCAL = fSYSCLK/384 USR0 register, Bit 6 = 0; see the
DAC Calibration Output section for formula
Maximum PLL Calibration Time (tREF_CLK)
16
ms
PFD rate = 25 MHz
8
ms
PFD rate = 50 MHz
Maximum Profile Toggle Rate
1
SYNC_CLK period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com