Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9915 Datasheet HTML 8Page - Analog Devices AD9915 Datasheet HTML 9Page - Analog Devices AD9915 Datasheet HTML 10Page - Analog Devices AD9915 Datasheet HTML 11Page - Analog Devices AD9915 Datasheet HTML 12Page - Analog Devices AD9915 Datasheet HTML 13Page - Analog Devices AD9915 Datasheet HTML 14Page - Analog Devices AD9915 Datasheet HTML 15Page - Analog Devices AD9915 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
AD9915
Data Sheet
Rev. A | Page 12 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
Nominal supply voltage; DAC RSET = 3.3 kΩ, TA = 25°C, unless otherwise noted.
Figure 4. Wideband SFDR at 122.5 MHz
SYSCLK = 2.5 GHz (SYSCLK PLL Bypassed)
Figure 5. Wideband SFDR at 305.3 MHz
SYSCLK = 2.5 GHz (SYSCLK PLL Bypassed)
Figure 6. Wideband SFDR at 497.5 MHz,
SYSCLK = 3.5 GHz (SYSCLK PLL Bypassed)
Figure 7. Narrow-Band SFDR at 122.5 MHz,
SYSCLK = 2.5 GHz (SYSCLK PLL Bypassed)
Figure 8. Narrow-Band SFDR at 305.3 MHz,
SYSCLK = 2.5 GHz (SYSCLK PLL Bypassed)
Figure 9. Narrow-Band SFDR at 497.5 MHz,
SYSCLK = 2.5 GHz (SYSCLK PLL Bypassed)
START 0Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
125MHz/DIV
STOP 1.25GHz
START 0Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
125MHz/DIV
STOP 1.25GHz
START 0Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
125MHz/DIV
STOP 1.25GHz
CENTER 122.499MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
50kHz/DIV
SPAN 500kHz
CENTER 305.357MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
50kHz/DIV
SPAN 500kHz
CENTER 497.499MHz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
50kHz/DIV
SPAN 500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com