Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 46 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD9915 Datasheet HTML 40Page - Analog Devices AD9915 Datasheet HTML 41Page - Analog Devices AD9915 Datasheet HTML 42Page - Analog Devices AD9915 Datasheet HTML 43Page - Analog Devices AD9915 Datasheet HTML 44Page - Analog Devices AD9915 Datasheet HTML 45Page - Analog Devices AD9915 Datasheet HTML 46Page - Analog Devices AD9915 Datasheet HTML 47Page - Analog Devices AD9915 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
AD9915
Data Sheet
Rev. A | Page 46 of 48
Profile Registers
There are 16 serial I/O addresses (Address 0x0B to Address
0x01A) dedicated to device profiles. Eight of the 16profiles
house up to eight single tone frequencies. The remaining eight
profiles contain the corresponding phase offset and amplitude
parameters relative to the profile pin setting. To enable profile
mode, set the profile mode enable bit in CFR2 (0x01[23]) = 1.
The active profile register is selected using the external PS[2:0]
pins.
Profile 0 to Profile 7, Single Tone Registers—0x0B, 0x0D, 0x0F, 0x11, 0x13, 0x15, 0x17, 0x19
Four bytes are assigned to each register.
Table 28. Bit Descriptions for Profile 0 to Profile 7 Single Tone Registers
Bit(s)
Mnemonic
Description
[31:0]
Frequency tuning word
This 32-bit number controls the DDS frequency.
Profile 0 to Profile 7, Phase Offset and Amplitude Registers—0x0C, 0x0E, 0x10, 0x12, 0x14, 0x16, 0x18, 0x1A
Four bytes are assigned to each register.
Table 29. Bit Descriptions for Profile 0 to Profile 7 Phase Offset and Amplitude Registers
Bit(s)
Mnemonic
Description
[31:28]
Open
Open.
[27:16]
Amplitude scale factor
This 12-bit word controls the DDS frequency. Note that the OSK enable bit (0x00[8]) must
be set to logic high to make amplitude adjustments.
[15:0]
Phase offset word
This 16-bit word controls the DDS frequency.
USR0 Register—Address 0x1B
Table 30. Bit Descriptions for USR0 Register
Bit(s)
Mnemonic
Description
[31:25]
Open
24
PLL lock
This is a readback bit only. If Logic 1 is read back, the PLL is locked. Logic 0 represents a
nonlocked state.
[23:8]
(See description)
These bits must always be programmed with the default values listed in the default column
in Table 16.
7
Reserved
Must be kept at Logic 0 (default).
6
CAL with SYNC
0 = a SYNC_IN signal is not required to calibrate the DAC clock.
1 = a SYNC_IN signal is required to calibrate the DAC clock.
[5:3]
SYNC_OUT delay ADJ
Provides the ability to delay the SYNC_OUT signal for multichip synchronization purposes.
[2:0]
SYNC_IN delay ADJ
Provides the ability to delay the internal SYNC_IN signal for multichip synchronization
purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com