Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9915 Datasheet HTML 15Page - Analog Devices AD9915 Datasheet HTML 16Page - Analog Devices AD9915 Datasheet HTML 17Page - Analog Devices AD9915 Datasheet HTML 18Page - Analog Devices AD9915 Datasheet HTML 19Page - Analog Devices AD9915 Datasheet HTML 20Page - Analog Devices AD9915 Datasheet HTML 21Page - Analog Devices AD9915 Datasheet HTML 22Page - Analog Devices AD9915 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Data Sheet
AD9915
Rev. A | Page 19 of 48
FUNCTIONAL BLOCK DETAIL
DDS CORE
The direct digital synthesizer (DDS) block generates a reference
signal (sine or cosine based on 0x00[16], the enable sine output
bit). The parameters of the reference signal (frequency, phase,
and amplitude) are applied to the DDS at its frequency, phase
offset, and amplitude control inputs, as shown in Figure 30.
The output frequency (fOUT) of the AD9915 is controlled by the
frequency tuning word (FTW) at the frequency control input to
the DDS. The relationship among fOUT, FTW, and fSYSCLK is given by
SYSCLK
OUT
f
FTW
f
=
32
2
(1)
where FTW is a 32-bit integer ranging in value from 0 to
2,147,483,647 (231 − 1), which represents the lower half of the
full 32-bit range. This range constitutes frequencies from dc to
Nyquist (that is, ½ fSYSCLK).
The FTW required to generate a desired value of fOUT is found
by solving Equation 1 for FTW, as given in Equation 2.


=
SYSCLK
OUT
f
f
FTW
32
2
round
(2)
where the round(x) function rounds the argument (the value of
x) to the nearest integer. This is required because the FTW is
constrained to be an integer value. For example, for fOUT =
41 MHz and fSYSCLK = 122.88 MHz, FTW = 1,433,053,867
(0x556AAAAB).
Programming an FTW greater than 231 produces an aliased
image that appears at a frequency given by
SYSCLK
OUT
f
FTW
f
 −
=
32
2
1
(for FTW ≥ 231)
The relative phase of the DDS signal can be digitally controlled
by means of a 16-bit phase offset word (POW). The phase offset
is applied prior to the angle-to-amplitude conversion block
internal to the DDS core. The relative phase offset (Δθ) is given by
=
∆
14
14
2
360
2
2
POW
POW
π
θ
where the upper quantity is for the phase offset expressed as
radian units and the lower quantity as degrees.
To find the POW value necessary to develop an arbitrary Δθ,
solve the preceding equation for POW and round the result (in
a manner similar to that described previously for finding an
arbitrary FTW).
The relative amplitude of the DDS signal can be digitally scaled
(relative to full scale) by means of a 12-bit amplitude scale
factor (ASF). The amplitude scale value is applied at the output
of the angle-to-amplitude conversion block internal to the DDS
core. The amplitude scale is given by
=
12
12
2
log
20
2
ASF
ASF
Scale
Amplitude
(3)
where the upper quantity is amplitude expressed as a fraction of
full scale and the lower quantity is expressed in decibels relative
to full scale.
To find the ASF value necessary for a particular scale factor, solve
Equation 3 for ASF and round the result (in a manner similar
to that described previously for finding an arbitrary FTW).
When the AD9915 is programmed to modulate any of the DDS
signal control parameters, the maximum modulation sample
rate is ¼ fSYSCLK. This means that the modulation signal exhibits
images at multiples of ¼ fSYSCLK. The impact of these images
must be considered when using the device as a modulator.
Figure 30. DDS Block Diagram
DDS_CLK
32
17
FREQUENCY
CONTROL
ANGLE-TO-
AMPLITUDE
CONVERSION
(SINE OR
COSINE)
PHASE
OFFSET
CONTROL
TO DAC
(MSBs)
D Q
R
ACCUMULATOR
RESET
32
16
MSB ALIGNED
AMPLITUDE
CONTROL
12
DDS SIGNAL CONTROL PARAMETERS
14
12
17
32
32
12
12
32-BIT
ACCUMULATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com