Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9915 Datasheet HTML 2Page - Analog Devices AD9915 Datasheet HTML 3Page - Analog Devices AD9915 Datasheet HTML 4Page - Analog Devices AD9915 Datasheet HTML 5Page - Analog Devices AD9915 Datasheet HTML 6Page - Analog Devices AD9915 Datasheet HTML 7Page - Analog Devices AD9915 Datasheet HTML 8Page - Analog Devices AD9915 Datasheet HTML 9Page - Analog Devices AD9915 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
AD9915
Data Sheet
Rev. A | Page 6 of 48
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PARALLEL PORT TIMING
Write Timing
Address Setup Time to
WR Active
1
ns
Address Hold Time to
WR Inactive
0
ns
Data Setup Time to
WR Inactive
3.8
ns
Data Hold Time to
WR Inactive
0
ns
WR Minimum Low Time
2.1
ns
WR Minimum High Time
3.8
ns
Minimum
WR Time
10.5
ns
Read Timing
Address to Data Valid
92
ns
Address Hold to
RD Inactive
0
ns
RD Active to Data Valid
69
ns
RD Inactive to Data Tristate
50
ns
RD Minimum Low Time
69
ns
RD Minimum High Time
50
ns
SERIAL PORT TIMING
SCLK Clock Rate (1/tCLK )
80
MHz
SCLK duty cycle = 50%
SCLK Pulse Width High, tHIGH
1.5
ns
SCLK Pulse Width Low, tLOW
5.1
ns
SDIO to SCLK Setup Time, tDS
4.9
ns
SDIO to SCLK Hold Time, tDH
0
ns
SCLK Falling Edge to Valid Data on
SDIO/SDO, tDV
78
ns
CS to SCLK Setup Time, tS
4
ns
CS to SCLK Hold Time, tH
0
ns
CS Minimum Pulse Width High, tPWH
4
ns
DATA PORT TIMING
D[31:0] Setup Time to SYNC_CLK
2
ns
D[31:0] Hold Time to SYNC_CLK
0
ns
F[3:0] Setup Time to SYNC_CLK
2
ns
F[3:0] Hold Time to SYNC_CLK
0
ns
IO_UPDATE Pin Setup Time to
SYNC_CLK
2
ns
IO_UPDATE Pin Hold Time to
SYNC_CLK
0
ns
Profile Pin Setup Time to SYNC_CLK
ns
Profile Pin Hold Time to SYNC_CLK
2
ns
DR_CTL/DR_HOLD Setup Time to
SYNC_CLK
2
0
ns
DR_CTL/DR_HOLD Hold Time to
SYNC_CLK
0
ns
DATA LATENCY (PIPELINE DELAY)
Single Tone Mode (Matched Latency
Disabled)
SYSCLK cycles = fS = system clock frequency
in GHz
Frequency
320
SYSCLK cycles
Phase
296
SYSCLK cycles
Amplitude
104
SYSCLK cycles
Single Tone Mode (Matched Latency
Enabled)
Frequency
320
SYSCLK cycles
Phase
320
Amplitude
320
SYSCLK cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com