Electronic Components Datasheet Search
  English  ▼

X  

AD9915 Datasheet(PDF) 43 Page - Analog Devices

Part # AD9915
Description  2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9915 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD9915 Datasheet HTML 39Page - Analog Devices AD9915 Datasheet HTML 40Page - Analog Devices AD9915 Datasheet HTML 41Page - Analog Devices AD9915 Datasheet HTML 42Page - Analog Devices AD9915 Datasheet HTML 43Page - Analog Devices AD9915 Datasheet HTML 44Page - Analog Devices AD9915 Datasheet HTML 45Page - Analog Devices AD9915 Datasheet HTML 46Page - Analog Devices AD9915 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Data Sheet
AD9915
Rev. A | Page 43 of 48
Bit(s)
Mnemonic
Description
12
Open
Open.
11
SYNC_CLK enable
0 = the SYNC_CLK pin is disabled and forced to a static Logic 0 state; the internal clock signal
continues to operate and provide timing to the data assembler.
1 = the internal SYNC_CLK signal appears at the SYNC_CLK pin (default).
10
SYNC_CLK invert
0 = normal SYNC_CLK polarity; Q data associated with Logic 1, I data with Logic 0 (default).
1 = inverted SYNC_CLK polarity.
9
SYNC_OUT enable
0 = the SYNC_OUT pin is disabled; static Logic 0 output.
1 = the SYNC_OUT pin is enabled.
8
SYNC out/in mux enable
0 = the SYNC_OUT signal is routed to the SYNC_OUT pin.
1 = the SYNC_IN signal is routed to the SYNC_OUT pin.
[7:0]
Open
Open.
Control Function Register 3 (CFR3)—Address 0x02
Table 19. Bit Descriptions for CFR3
Bit(s)
Mnemonic
Description
[31:23]
Open
Open.
22
Input divider reset
0 = disables input divider reset function.
1 = initiates a input divider reset.
[21:20]
Input divider
Divides the input REF CLK signal by one of four values (1, 2, 4, 8).
19
Doubler enable
0 = disables the doubler feature.
1 = enables the doubler feature. Must have the doubler clock edge bit set to Logic 1 to utilize
this feature.
18
PLL enable
0 = disables the internal PLL.
1 = the internal PLL is enabled and the output generates the system clock. The PLL must be
calibrated when enabled via VCO calibration in Register CFR1, Bit 24.
17
PLL ref disable
This bit should remain Logic 0 (default).
16
Doubler clock edge
0 = disables the internal doubler circuit.
1 = enables the doubler circuit. Must have doubler enable bit set to Logic 1 to utilize this
feature.
[15:8]
Feedback divider N
Sets the feedback divider of the PLL. The divider range is 8× to 255×.
Bits[15:8] = 0000 = 8×, 0001 = 9× … 1111 = 255×
7
Open
Open.
6
Manual I
CP selection
0 = the internal charge pump current is chosen automatically during the VCO calibration
routine (default).
1 = the internal charge pump is set manually per Table 7.
[5:3]
I
CP
Manual charge pump current selection. See Table 7.
2
Lock detect enable
0 = disables PLL lock detection.
1 = enables PLL lock detection.
[1:0]
Minimum LDW
Selects the number of REF CLK cycles that the phase error (at the PFD inputs) must remain
within before a PLL lock condition can be read back via Bit 24 in Register 0x00.
00 = 128 REF CLK cycles
01 = 256 REF CLK cycles
10 = 512 REF CLK cycles
11 = 1024 REF CLK cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com