Electronic Components Datasheet Search
  English  ▼

X  

RT8167B Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 30Page - Richtek Technology Corporation RT8167B Datasheet HTML 31Page - Richtek Technology Corporation RT8167B Datasheet HTML 32Page - Richtek Technology Corporation RT8167B Datasheet HTML 33Page - Richtek Technology Corporation RT8167B Datasheet HTML 34Page - Richtek Technology Corporation RT8167B Datasheet HTML 35Page - Richtek Technology Corporation RT8167B Datasheet HTML 36Page - Richtek Technology Corporation RT8167B Datasheet HTML 37Page - Richtek Technology Corporation RT8167B Datasheet HTML 38Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
RT8167B
34
DS8167B-00
October 2011
www.richtek.com
Considering the inductance tolerance, the resistor RX has
to be tuned on board by examining the transient voltage.
If the output voltage transient has an initial dip below the
minimum load line requirement with a slow recovery, RX
is too small. Vice versa, if the resistance is too large the
output voltage transient will only have a small initial dip
and the recovery will be too fast, causing a ring-back.
Using current-sense resistor in series with the inductor
can have better accuracy, but the efficiency is a trade-off.
Considering the equivalent inductance (LESL) of the current
sense resistor, a RC filter is recommended. The RC filter
calculation method is similar to the above-mentioned
inductor DCR sensing method.
Operation Mode Transition
The RT8167B supports operation mode transition function
in CORE/GFX VR for the SetPS command of Intel's VR12/
IMVP7 CPU. The default operation mode of the RT8167B's
CORE/GFX VR is PS0, which is CCM operation. The other
operation mode is PS2 (DEM operation).
After receiving SetPS command, the CORE/GFX VR will
immediately change to the new operation state. When
VR receives SetPS command of PS2 operation mode,
the VR operates as a DEM controller.
If VR receives dynamic VID change command (SetVID),
VR will automatically enter PS0 operation mode. After
output voltage reaches target voltage, VR will stay at PS0
state and ignore former SetPS command. Only by
re-sending SetPS command after SetVID command will
VR be forced into PS2 operation state again.
Thermal Monitoring and Temperature Reporting
CORE/GFX VR provides thermal monitoring function via
sensing TSEN pin voltage. Through the voltage divider
resistors R1, R2, R3 and RNTC, the voltage of TSEN will
be proportional to VR temperature. When VR temperature
rises, the TSENx voltage also rises. The ADC circuit of
VR monitors the voltage variation at TSENx pin from 1.47V
to 1.89V with 55mV resolution, and this voltage is decoded
into digital format and stored into the Temperature Zone
register.
Figure 13. Thermal Monitoring Circuit
To meet Intel's VR12/IMVP7 specification, platform users
have to set the TSEN voltage to meet the temperature
variation of VR from 75% to 100% VR max temperature.
For example, if the VR max temperature is 100
°C, platform
users have to set the TSEN voltage to be 1.4875V when
VR temperature reaches 75
°C and 1.8725V when VR
temperature reaches 100
°C. Detailed voltage setting
versus temperature variation is shown in Table 2.
Thermometer code is implemented in the Temperature
Zone register.
TSENx
VCC
R1
R2
R3
RNTC
Table 2. Temperature Zone Register
VRHOT
SVID
Thermal
Alert
Comparator Trip Points
Temperatures Scaled to maximum =
100%
Voltage Represents Assert bit
Minimum Level
b7
b6
b5
b4
b3
b2
b1
b0
100%
97%
94% 91% 88% 85% 82% 75%
1.855V
1.8V
1.745
V
1.69
V
1.635
V
1.58
V
1.52
5V
1.47
V
TSEN Pin Voltage
Temperature_Zone
Register Content
1.855
≤ V
TSEN
1111_1111
1.800
≤ VTSEN ≤ 1.835
0111_1111
1.745
≤ V
TSEN ≤ 1.780
0011_1111
1.690
≤ VTSEN ≤ 1.725
0001_1111
1.635
≤ VTSEN ≤ 1.670
0000_1111
1.580
≤ VTSEN ≤ 1.615
0000_0111
1.525
≤ VTSEN ≤ 1.560
0000_0011
1.470
≤ VTSEN ≤ 1.505
0000_0001
VTSEN < 1.470
0000_0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com