Electronic Components Datasheet Search
  English  ▼

X  

RT8167B Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 23Page - Richtek Technology Corporation RT8167B Datasheet HTML 24Page - Richtek Technology Corporation RT8167B Datasheet HTML 25Page - Richtek Technology Corporation RT8167B Datasheet HTML 26Page - Richtek Technology Corporation RT8167B Datasheet HTML 27Page - Richtek Technology Corporation RT8167B Datasheet HTML 28Page - Richtek Technology Corporation RT8167B Datasheet HTML 29Page - Richtek Technology Corporation RT8167B Datasheet HTML 30Page - Richtek Technology Corporation RT8167B Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
RT8167B
27
DS8167B-00
October 2011
www.richtek.com
Data and Configuration Register
Index
Register Name
Description
Access
Default
00h
Vendor ID
Vendor ID, default 1Eh.
RO, Vendor
1Eh
01h
Product ID
Product ID.
RO, Vendor
65h
02h
Product Revision
Product Revision.
RO, Vendor
01h
05h
Protocol ID
SVID Protocol ID.
RO, Vendor
01h
06h
VR_Capability
Bit mapped register, identifies the SVID VR capabilities
and which of the optional telemetry register are
supported.
RO, Vendor
81h
10h
Status_1
Data register containing the status of VR.
R-M, W-PWM
00h
11h
Status-2
Data register containing the status of transmission.
R-M, W-PWM
00h
12h
Temperature
Zone
Data register showing temperature zone that have been
entered.
R-M, W-PWM
00h
15h
Output_Current
Data register showing direct ADC conversion of averaged
output current.
R-M, W-PWM
00h
1Ch
Status_2_lastread
The register contains a copy of the status_2.
R-M, W-PWM
00h
21h
ICC_Max
Data register containing the maximum ICC of platform
supports.
Binary format in Amp, IE 64h = 100A.
RO, Platform
--
22h
Temp_Max
Data register containing the temperature max the platform
supports.
Binary format in °C, IE 64h = 100°C
Only for CORE VR
RO, Platform
--
24h
SR-Fast
Data register containing the capability of fast slew rate the
platform can sustains. Binary format in mV/
μs, IE 0Ah =
10mV/
μs.
RO
0Ah
25h
SR-Slow
Data register containing the capability of slow slew rate.
Binary format in mV/
μs IE 02h = 2.5mV/μs.
RO
02h
30h
VOUT_Max
The register is programmed by the master and sets the
maximum VID.
RW, Master
BFh
31h
VID Setting
Data register containing currently programmed VID.
RW, Master
00h
32h
Power State
Register containing the current programmed power state.
RW, Master
00h
33h
Offset
Set offset in VID steps.
RW, Master
00h
34h
Multi VR Config
Bit mapped data register which configures multiple VRs
behavior on the same bus.
RW, Master
00h
35h
Pointer
Scratch pad register for temporary storage of the
SetRegADR pointer register.
RW, Master
30h
Notes :
RO = Read Only
RW = Read/Write
R-M = Read by Master
W-PWM = Write by PWM only
Vendor = hard coded by VR vendor
Platform = programmed by platform
Master = programmed by the master
PWM = programmed by the VR control IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com