Electronic Components Datasheet Search
  English  ▼

X  

RT8167B Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 28Page - Richtek Technology Corporation RT8167B Datasheet HTML 29Page - Richtek Technology Corporation RT8167B Datasheet HTML 30Page - Richtek Technology Corporation RT8167B Datasheet HTML 31Page - Richtek Technology Corporation RT8167B Datasheet HTML 32Page - Richtek Technology Corporation RT8167B Datasheet HTML 33Page - Richtek Technology Corporation RT8167B Datasheet HTML 34Page - Richtek Technology Corporation RT8167B Datasheet HTML 35Page - Richtek Technology Corporation RT8167B Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
RT8167B
32
DS8167B-00
October 2011
www.richtek.com
Loop Compensation
Optimized compensation of the CORE VR allows for best
possible load step response of the regulator's output. A
type-I compensator with one pole and one zero is adequate
for a proper compensation. Figure 10 shows the
compensation circuit. It was previously mentioned that to
determine the resistive feedback components of error
amplifier gain, C1 and C2 must be calculated for the
compensation. The target is to achieve constant resistive
output impedance over the widest possible frequency
range.
The pole frequency of the compensator must be set to
compensate the output capacitor ESR zero :
where C is the capacitance of the output capacitor and RC
is the ESR of the output capacitor. C2 can be calculated
as follows :
The zero of compensator has to be placed at half of the
switching frequency to filter the switching-related noise.
Such that,
TON Setting
High frequency operation optimizes the application by
trading off efficiency due to higher switching losses with
smaller component size. This may be acceptable in ultra-
portable devices where the load currents are lower and
the controller is powered from a lower voltage supply. Low
frequency operation offers the best overall efficiency at
the expense of component size and board space. Figure
11 shows the on-time setting circuit. Connect a resistor
(RTONSETx) between VIN and TONSETx to set the on-time
of UGATEx :
SENSE, HOT
NTC, HOT
NTC, COLD
SENSE, COLD
SENSE, HOT
SENSE, COLD
R1b
R
(R1a // R
) (R1a // R
)
R
R
1
R
=
×−
⎛⎞
−
⎜⎟
⎝⎠
(8)
P
C
1
f
2C R
=
×π × ×
(9)
C
CR
C2
R2
×
=
(10)
(11)
()
NTC, 25 C
SW
1
C1
R1b R1a // R
f
°
=
+× π ×
Usually, R1a is set to equal RNTC (25
°C), while R1b is
selected to linearize the NTC's temperature characteristic.
For a given NTC, the design would be to obtain R1b and
R2 and then C1 and C2. According to (2), to compensate
the temperature variations of the sense resistor, the error
amplifier gain (AV) should have the same temperature
coefficient with RSENSE. Hence
From (2), we can have Av at any temperature (T) as
The standard formula for the resistance of NTC thermistor
as a function of temperature is given by :
where RNTC, 25 is the thermistor's nominal resistance at
room temperature,
β (beta) is the thermistor's material
constant in Kelvins, and T is the thermistor's actual
temperature in Celsius.
The DCR value at different temperatures can be calculated
using the equation below :
DCRT = DCR25 x [1+0.00393 x (T-25)]
(6)
where 0.00393 is the temperature coefficient of copper.
For a given NTC thermistor, solving (4) at room temperature
(25
°C) yields
R2 = AV, 25 x (R1b + R1a // RNTC, 25)
(7)
where AV, 25°C is the error amplifier gain at room temperature
obtained from (2). R1b can be obtained by substituting
(7) to (3),
V, HOT
SENSE, HOT
V, COLD
SENSE, COLD
AR
AR
=
(3)
V, T
NTC, T
R2
A
R1a / /R
R1b
=
+
(4)
(
) ( )
{
}
11
T+273
298
NTC, T
NTC, 25
RR
e
⎡⎤
β−
⎢⎥
⎣⎦
=
(5)
(12)
××
<=
−
-12
TONSETx
ONx
REFx
IN
REFx
28 10
R
t
(V
1.2V)
VV
where tONx is the UGATEx turn on period, VIN is the input
voltage of converter, and VREFx is the internal reference
voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com