Electronic Components Datasheet Search
  English  ▼

X  

RT8167B Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 20Page - Richtek Technology Corporation RT8167B Datasheet HTML 21Page - Richtek Technology Corporation RT8167B Datasheet HTML 22Page - Richtek Technology Corporation RT8167B Datasheet HTML 23Page - Richtek Technology Corporation RT8167B Datasheet HTML 24Page - Richtek Technology Corporation RT8167B Datasheet HTML 25Page - Richtek Technology Corporation RT8167B Datasheet HTML 26Page - Richtek Technology Corporation RT8167B Datasheet HTML 27Page - Richtek Technology Corporation RT8167B Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
RT8167B
24
DS8167B-00
October 2011
www.richtek.com
GFX VR VREF vs. Temperature
0.988
0.990
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
-50
-25
0
255075
100
125
Temperature (°C)
Time (100
μs/Div)
GFX VR Mode Transition
VID = 1.1V, PS2 to PS0, ILOAD = 0.1A
UGATEA
(20V/Div)
VGFX
(20mV/Div)
VCLK
(1V/Div)
LGATEA
(10V/Div)
Time (100
μs/Div)
GFX VR Mode Transition
VID = 1.1V, PS0 to PS2, ILOAD = 0.1A
UGATEA
(20V/Div)
VCLK
(1V/Div)
LGATEA
(10V/Div)
VGFX
(20mV/Div)
Time (10ms/Div)
GFX VR Thermal Monitoring
TSENA Sweep from 1.7V to 1.9V
1.9
1.7
TSENA
(V/Div)
VRHOT
(500mV/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com