Electronic Components Datasheet Search
  English  ▼

X  

RT8167B Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 26Page - Richtek Technology Corporation RT8167B Datasheet HTML 27Page - Richtek Technology Corporation RT8167B Datasheet HTML 28Page - Richtek Technology Corporation RT8167B Datasheet HTML 29Page - Richtek Technology Corporation RT8167B Datasheet HTML 30Page - Richtek Technology Corporation RT8167B Datasheet HTML 31Page - Richtek Technology Corporation RT8167B Datasheet HTML 32Page - Richtek Technology Corporation RT8167B Datasheet HTML 33Page - Richtek Technology Corporation RT8167B Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
RT8167B
30
DS8167B-00
October 2011
www.richtek.com
Figure 7 (a). Power sequence for RT8167B (VINI_CORE = VINI_GFX = 0V)
Figure 7 (b). Power sequence for RT8167B (VINI_CORE
0, VINI_GFX
0V)
≠
≠
EN
SVID
Valid
xx
XX
VCORE
VR_READY
100µs
POR
0.2V
CORE VR
Operation Mode
CCM
CCM
0.2V
VGFX
SVID defined
CCM
SVID defined
GFX VR
Operation Mode
100µs
VRA_READY
CCM
300µs
Off
Off
VCC
EN Chip
(Internal Signal)
Off
Off
VRA_READY
EN Chip
(Internal Signal)
SVID
Valid
xx
XX
VCORE
VR_READY
100µs
POR
0.2V
CORE VR
Operation Mode
CCM
CCM
Off
0.2V
VGFX
SVID defined
CCM
Off
SVID defined
GFX VR
Operation Mode
CCM
250µs
Off
Off
VCC
EN
100µs
300µs
VINI_GFX
VINI_CORE
50µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com