Electronic Components Datasheet Search
  English  ▼

X  

RT8167B Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 14Page - Richtek Technology Corporation RT8167B Datasheet HTML 15Page - Richtek Technology Corporation RT8167B Datasheet HTML 16Page - Richtek Technology Corporation RT8167B Datasheet HTML 17Page - Richtek Technology Corporation RT8167B Datasheet HTML 18Page - Richtek Technology Corporation RT8167B Datasheet HTML 19Page - Richtek Technology Corporation RT8167B Datasheet HTML 20Page - Richtek Technology Corporation RT8167B Datasheet HTML 21Page - Richtek Technology Corporation RT8167B Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
RT8167B
18
DS8167B-00
October 2011
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
ALERT
ALERT Low Voltage
VALERT
IALERT_ SINK = 4mA
--
--
0.4
V
VR Ready
VRx_READY Low Voltage VVRx_READY IVRx_READY_ SINK = 4mA
--
--
0.4
V
VRx_READY Delay
tVRx_READY
VISENxN = VBOOT to VVRx_READY high
70
100
160
μs
Thermal Throttling
VRHOT Output Voltage
VVRHOT
IVRHOT_SINK = 40mA
--
0.4
--
V
High Impedance Output
ALERT, VRx_READY,
VRHOT
ILEAK_OUT
−1
--
1
μA
Temperature Zone
TSEN Threshold for
Tmp_Zone [7] transition
100°C
--
1.8725
--
V
TSEN Threshold for
Tmp_Zone [6] transition
97°C
--
1.8175
--
V
TSEN Threshold for
Tmp_Zone [5] transition
94°C
--
1.7625
--
V
TSEN Threshold for
Tmp_Zone [4] transition
91°C
--
1.7075
--
V
TSEN Threshold for
Tmp_Zone [3] transition
VTSENx
88°C
--
1.6525
--
V
TSEN Threshold for
Tmp_Zone [2] transition
85°C
--
1.5975
--
V
TSEN Threshold for
Tmp_Zone [1] transition
82°C
--
1.5425
--
V
TSEN Threshold for
Tmp_Zone [0] transition
VTSENx
75°C
--
1.4875
--
V
Update Period
tTSEN
--
1600
--
μs
ADC
Latency
tLAT
--
--
400
μs
CICCMAX1
VICCMAX = 0.637V
29
32
35
decimal
CICCMAX2
VICCMAX = 1.2642V
61
64
67
decimal
Digital Code of ICCMAX
CICCMAX3
VICCMAX = 2.5186V
125
128
131
decimal
CICCMAXA1
VICCMAXA = 0.1666V
5
8
11
decimal
CICCMAXA2
VICCMAXA = 0.3234V
13
16
19
decimal
Digital Code of ICCMAXA
CICCMAXA3
VICCMAXA = 0.637V
29
32
35
decimal
CTMPMAX1
VTMPMAX = 1.6758V
82
85
88
decimal
CTMPMAX2
VTMPMAX = 1.9698V
97
100
103
decimal
Digital Code of TMPMAX
CTMPMAX3
VTMPMAX = 2.4598V
122
125
128
decimal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com