Electronic Components Datasheet Search
  English  ▼

X  

RT8167B Datasheet(PDF) 25 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 25 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 21Page - Richtek Technology Corporation RT8167B Datasheet HTML 22Page - Richtek Technology Corporation RT8167B Datasheet HTML 23Page - Richtek Technology Corporation RT8167B Datasheet HTML 24Page - Richtek Technology Corporation RT8167B Datasheet HTML 25Page - Richtek Technology Corporation RT8167B Datasheet HTML 26Page - Richtek Technology Corporation RT8167B Datasheet HTML 27Page - Richtek Technology Corporation RT8167B Datasheet HTML 28Page - Richtek Technology Corporation RT8167B Datasheet HTML 29Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
RT8167B
25
DS8167B-00
October 2011
www.richtek.com
Application Information
The RT8167B is a VR12/IMVP7 compliant, dual single-
phase synchronous Buck PWM controller for the CPU
CORE VR and GFX VR. The gate drivers are embedded
to facilitate PCB design and reduce the total BOM cost. A
serial VID (SVID) interface is built-in in the RT8167B to
communicate with Intel VR12/IMVP7 compliant CPU.
The RT8167B adopts G-NAVPTM (Green Native AVP),
which is Richtek's proprietary topology derived from finite
DC gain compensator, making it an easy setting PWM
controller to meet AVP requirements. The load line can
be easily programmed by setting the DC gain of the error
amplifier. The RT8167B has fast transient response due
to the G-NAVPTM commanding variable switching
frequency.
G-NAVPTM topology also represents a high efficiency
system with green power concept. With G-NAVPTM
topology, the RT8167B becomes a green power controller
with high efficiency under heavy load, light load, and very
light load conditions. The RT8167B supports mode
transition function between CCM and DEM. These different
operating states allow the overall power system to have
low power loss. By utilizing the G-NAVPTM topology, the
operating frequency of RT8167B varies with output voltage,
load and VIN to further enhance the efficiency even in CCM.
The built-in high accuracy DAC converts the SVID code
ranging from 0.25V to 1.52V with 5mV per step. The
differential remote output voltage sense and high accuracy
DAC allow the system to have high output voltage accuracy.
The RT8167B supports VR12/IMVP7 compatible power
management states and VID on-the-fly function. The power
management states include DEM in PS2/PS3 and Forced-
CCM in PS1/PS0. The VID on-the-fly function has three
different slew rates : Fast, Slow and Decay. The RT8167B
integrates a high accuracy ADC for platform setting
functions, such as no-load offset and over current level.
The controller supports both DCR and sense-resistor
current sensing. The RT8167B provides VR ready output
signals of both CORE VR and GFX VR. It also features
complete fault protection functions including over voltage,
under voltage, negative voltage, over current and under
voltage lockout. The RT8167B is available in a WQFN-
48L 6x6 small foot print package.
Design Tool
To help users reduce efforts and errors caused by manual
calculations, a user-friendly design tool is now available
on request. This design tool calculates all necessary
design parameters by entering user's requirements.
Please contact Richtek's representatives for details.
Serial VID (SVID) Interface
SVID is a three-wire serial synchronous interface defined
by Intel. The three wire bus includes VDIO, VCLK and
ALERT signals. The master (Intel's VR12/IMVP7 CPU)
initiates and terminates SVID transactions and drives the
VDIO, VCLK, and ALERT during a transaction. The slave
(RT8167B) receives the SVID transactions and acts
accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com