Electronic Components Datasheet Search
  English  ▼

X  

RT8167B Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 12Page - Richtek Technology Corporation RT8167B Datasheet HTML 13Page - Richtek Technology Corporation RT8167B Datasheet HTML 14Page - Richtek Technology Corporation RT8167B Datasheet HTML 15Page - Richtek Technology Corporation RT8167B Datasheet HTML 16Page - Richtek Technology Corporation RT8167B Datasheet HTML 17Page - Richtek Technology Corporation RT8167B Datasheet HTML 18Page - Richtek Technology Corporation RT8167B Datasheet HTML 19Page - Richtek Technology Corporation RT8167B Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
RT8167B
16
DS8167B-00
October 2011
www.richtek.com
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Shutdown Current
(PVCC + VCC)
IVCC_SHDN
+ IPVCC_SHDN
VEN = 0V
--
--
5
μA
Shutdown Current
(TONSETx)
ITONSETx_SHDN
VEN = 0V
--
--
5
μA
TON Setting
TONSETx Voltage
VTONSETx
IRTON = 80μA, VFBx = 1V
0.95
1.075
1.2
0V
On-Time
tON
IRTON = 80μA, VFBx = 1V
315
350
385
ns
TONSETx Input
Current Range
IRTON
VFBx = 1.1V
25
--
280
μA
Minimum Off-Time
TOFF_MIN
--
350
--
ns
GFX VR Forced DEM
GFXPS2x Enable
Threshold
VGFXPS
4.3
--
--
V
GFXPS2x Disable
Threshold
VGFXPS
--
--
0.7
V
References and System Output Voltage
VIDSVID Setting = 1.000V~1.520V
OFSSVID Setting = 0V
−0.5
0
0.5
%VID
VIDSVID Setting = 0.800V~1.000V
OFSSVID Setting = 0V
−5
0
5
VIDSVID Setting = 0.500V~0.800V
OFSSVID Setting = 0V
−8
0
8
VIDSVID Setting = 0.250V~0.500V
OFSSVID Setting = 0V
−8
0
8
DAC Accuracy
(PS0/PS1)
VFBx
VIDSVID Setting = 1.100V
OFSSVID Setting = −0.640V~0.635V
−10
0
10
mV
VINI_CORE = 0V, VINI_GFX = 0V
0
0.3125
0.5125
VINI_CORE = 0.9V, VINI_GFX = 0.9V
0.7375
0.9375
1.1375
VINI_CORE = 1V, VINI_GFX = 1V
1.3625
1.5625
1.7625
SETINIx Voltage
VSETINIx
VINI_CORE = 1.1V, VINI_GFX = 1.1V
2.6125
--
5
V
IBIAS Pin Voltage
VIBIAS
RIBIAS = 53.6kΩ
2.09
2.14
2.19
V
SetVID Slow
2.5
3.125
3.75
Dynamic VID Slew
Rate
SRDVID
SetVID Fast
10
12.5
15
mV/
μs
Error Amplifier
DC Gain
ADC
RL = 47kΩ
(Note5)
70
80
--
dB
Gain-Bandwidth
Product
GBW
CLOAD = 5pF
(Note5)
--
10
--
MHz
Slew Rate
SRCOMP
CLOAD = 10pF (Gain = −4,
RLOAD_COMP = 47kΩ, VCOMPx =
0.5V to 3V)
--
5
--
V/
μs
Output Voltage
Range
VCOMP
RL = 47kΩ
0.5
--
3.6
V
MAX Source/Sink
Current
ICOMP
VCOMP = 2V
--
250
--
μA
Impedance of FBx
RFBx
1
--
--
M
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com