Electronic Components Datasheet Search
  English  ▼

X  

RT8167B Datasheet(PDF) 37 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 37 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 30Page - Richtek Technology Corporation RT8167B Datasheet HTML 31Page - Richtek Technology Corporation RT8167B Datasheet HTML 32Page - Richtek Technology Corporation RT8167B Datasheet HTML 33Page - Richtek Technology Corporation RT8167B Datasheet HTML 34Page - Richtek Technology Corporation RT8167B Datasheet HTML 35Page - Richtek Technology Corporation RT8167B Datasheet HTML 36Page - Richtek Technology Corporation RT8167B Datasheet HTML 37Page - Richtek Technology Corporation RT8167B Datasheet HTML 38Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
RT8167B
37
DS8167B-00
October 2011
www.richtek.com
Output Capacitor Selection
Output capacitors are used to obtain high bandwidth for
the output voltage beyond the bandwidth of the converter
itself. Usually, the CPU manufacturer recommends a
capacitor configuration. Two different kinds of output
capacitors can be found, bulk capacitors closely located
to the inductors and ceramic output capacitors in close
proximity to the load. Latter ones are for mid-frequency
decoupling with very small ESR and ESL values while the
bulk capacitors have to provide enough stored energy to
overcome the low-frequency bandwidth gap between the
regulator and the CPU.
Layout Consideration
Careful PC board layout is critical to achieving low
switching losses and clean, stable operation. The
switching power stage requires particular attention. If
possible, mount all of the power components on the top
side of the board with their ground terminals flushed
against one another. Follow these guidelines for optimum
PC board layout :
Keep the high current paths short, especially at the
ground terminals.
Keep the power traces and load connections short. This
is essential for high efficiency.
When trade-offs in trace lengths must be made, it's
preferable to allow the inductor charging path to be made
longer than the discharging path.
Place the current sense component close to the
controller. ISENxP and ISENxN connections for current
limit and voltage positioning must be made using Kelvin
sense connections to guarantee the current sense
accuracy. The PCB trace from the sense nodes should
be parallel to the controller.
Route high-speed switching nodes away from sensitive
analog areas (COMPx, FBx, ISENxP, ISENxN, etc...)
Special attention should be paid in placing the DCR
current sensing components. The DCR current sensing
capacitor and resistors must be placed close to the
controller.
The capacitor connected to the ISEN1N/ISENAN for noise
decoupling is optional and it should also be placed close
to the ISEN1N/ISENAN pin.
The NTC thermistor should be placed physically close
to the inductor for better DCR thermal compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com