Electronic Components Datasheet Search
  English  ▼

X  

RT8167B Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT8167B
Description  Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8167B Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT8167B Datasheet HTML 8Page - Richtek Technology Corporation RT8167B Datasheet HTML 9Page - Richtek Technology Corporation RT8167B Datasheet HTML 10Page - Richtek Technology Corporation RT8167B Datasheet HTML 11Page - Richtek Technology Corporation RT8167B Datasheet HTML 12Page - Richtek Technology Corporation RT8167B Datasheet HTML 13Page - Richtek Technology Corporation RT8167B Datasheet HTML 14Page - Richtek Technology Corporation RT8167B Datasheet HTML 15Page - Richtek Technology Corporation RT8167B Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
RT8167B
12
DS8167B-00
October 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT1
CPU VR Bootstrap Power Pin. This pin powers the high side MOSFET drivers.
Connect this pin to the PHASE1 pin with a bootstrap capacitor.
2
TONSET
Single-Phase CPU VR On-Time Setting Pin. Connect this pin to VIN with a
resistor to set ripple size in PWM mode.
3
ISEN1P
Positive Current Sense Input Pin of CPU VR.
4
ISEN1N
Negative Current Sense Input Pin of CPU VR.
5
COMP
CPU VR Compensation Pin. This pin is the output of the error amplifier.
6
FB
CPU VR Feedback Pin. This pin is the inverting input node of the error amplifier.
7
RGND
Return Ground for CPU VR. This pin is the inverting input node for differential
remote voltage sensing.
8
GFXPS2
Set Pin for GPU VR Operation Mode. Logic-high on this pin will force the GPU VR
to enter DCM.
9
VCC
Controller Power Supply Pin. Connect this pin to GND via a ceramic capacitor
larger than 1
μF.
10
SETINIA
ADC Input for Single-Phase GPU VR VBOOT Voltage Setting.
11
SETINI
ADC Input for Single-Phase CPU VR VBOOT Voltage Setting.
12
TMPMAX
ADC Input for Single-Phase CPU VR Maximum Temperature Setting.
13
ICCMAX
ADC Input for Single-Phase CPU VR Maximum Current Setting.
14
ICCMAXA
ADC Input for Single-Phase GPU VR Maximum Current Setting.
15
TSEN
Thermal Monitor Sense Input Pin for CPU VR.
16
OCSET
Set Pin for Single-Phase CPU VR Over Current Protection Threshold.
Connect a resistive voltage divider from VCC to ground, and connect the joint of
the voltage divider to the OCSET pin. The voltage, VOCSET, at this pin sets the
over current threshold, ILIMIT, for CPU VR.
17
TSENA
Thermal Monitor Sense Input for GPU VR.
18
OCSETA
Set Pin for Single-Phase GPU VR Over Current Protection Threshold.
Connect a resistive voltage divider from VCC to ground, and connect the joint of
the voltage divider to the OCSETA pin. The voltage, VOCSETA, at this pin sets the
over current threshold, ILIMIT, for GPU VR.
19
IBIAS
Internal Bias Current Setting. Connect a 53.6k
Ω resistor from this pin to GND to
set the internal bias current.
20
VRHOT
Thermal Monitor Output Pin (active low).
21
VR_READY
CPU VR Voltage Ready Indicator. This pin has an open drain output.
22
VRA_READY
GPU VR Voltage Ready Indicator. This pin has an open drain output.
23
ALERT
Alert Line of SVID Interface (active low). This pin has an open drain output.
24
VDIO
Data Transmission Line of SVID Interface.
25
VCLK
Clock Signal Line of SVID Interface.
26
RGNDA
Return Ground for Single-Phase GPU VR.
This pin is the inverting input node for differential remote voltage sensing.
27
FBA
GPU VR Feedback Pin. This pin is the inverting input node of the error amplifier.
28
COMPA
Single-Phase GPU VR Compensation Pin. This pin is the output of the error
amplifier.
29
ISENAN
Negative Current Sense Input Pin of Single-Phase GPU VR.
30
ISENAP
Positive Current Sense Input Pin of Single-Phase GPU VR.
31
TONSETA
Single-Phase GPU VR On-Time Setting Pin. Connect this pin to VIN with a
resistor to set ripple size in PWM mode.
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com