Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 18 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 18 Page - ITT Industries

Back Button 22017 Datasheet HTML 14Page - ITT Industries 22017 Datasheet HTML 15Page - ITT Industries 22017 Datasheet HTML 16Page - ITT Industries 22017 Datasheet HTML 17Page - ITT Industries 22017 Datasheet HTML 18Page - ITT Industries 22017 Datasheet HTML 19Page - ITT Industries 22017 Datasheet HTML 20Page - ITT Industries 22017 Datasheet HTML 21Page - ITT Industries 22017 Datasheet HTML 22Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 120 page
background image
Plug Connector
Receptacle Connector
Plug Connector
Receptacle Connector
Receptacle Connector
Plug Connector
Contact Type
Socket
Part Number
*Engagement
**Termination
Short
Long
Crimp
RR-RR
X
-
-
-
-
-
349-1087-003
-
-
-
-
-
349-1087-004
349-1084-000
349-1084-001
349-1084-002
349-1084-003
349-1086-000
349-1086-001
349-1006-000
349-1081-001
-
-
-
-
X
X
349-1007-000
349-1080-000
349-1080-001
349-1080-002
349-1080-003
349-1082-000
349-1082-001
349-1088-001
031-3300-000
-
-
X
8, 10 AWG
030-3306-000
030-3306-001
030-3676-000
-
-
-
X
X
8, 10 AWG
8, 10 AWG
8, 10 AWG
X
X
-X
-
X
-
X
-
X
-
-
-
-
X
X
X
-
X
X
X
-
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
X
Crimp
FR-RR
Solder
.250 (6.35)
FR-FR
.375 (9.52)
RF Cable
Number
Contact Type
Socket
Part Number
*Engagement
**Termination
Short
Long
Crimp
RR-RR
Crimp
FR-RR
FR-FR
.250 (6.35)
Solder
.375 (9.52)
RF Cable
Number
Contact Type
Socket
Part Number
*Engagement
**Termination
Short
Long
Crimp
RR-RR
Crimp
FR-RR
Solder
.250 (6.35)
FR-FR
.375 (9.52)
RF Cable
Number
Contact Type
Socket
Part Number
*Engagement
**Termination
Short
Long
Crimp
RR-RR
Crimp
FR-RR
Solder
.250 (6.35)
FR-FR
.375 (9.52)
RF Cable
Number
Contact Type
Socket
Part Number
* The electrical engagement of "Long" contacts is .150 (3.81) greater than the electrical engagement of "Short" contact.
**RR-RR indicates rear release, rear removal.
FR-RR indicates front release, rear removal.
FR-FR indicates front release, front removal.
*Engagement
**Termination
Short
Long
Crimp
RR-RR
Crimp
FR-RR
Solder
.250 (6.35)
FR-FR
.375 (9.52)
Wire
Size
Contact Type
Socket
Part Number
*Engagement
**Termination
Short
Long
Crimp
RR-RR
Crimp
FR-RR
Solder
.250 (6.35)
FR-FR
.375 (9.52)
Wire
Size
Adams-Russell Co. Inc.
FC11Z
Adams-Russell Co. Inc.
FC14Z
Adams-Russell Co. Inc.
FC11Z
Adams-Russell Co. Inc.
FC14Z
M17/176-00002
Tensolite Co.
24463/9 B017X-2 (LD)
Tensolite Co.
24463/9 B017X-2 (LD)
Tensolite Co.
24463/9 B017X-2 (LD)
Tensolite Co.
24463/9 B017X-2 (LD)
M17/176-00002
ARINC 600
BKAD/E/F
Size 8 Coaxial Contacts
18
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Size 8 Twinax Contacts
Size 8 Ground Contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com