Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 54 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 54 Page - ITT Industries

Back Button 22017 Datasheet HTML 50Page - ITT Industries 22017 Datasheet HTML 51Page - ITT Industries 22017 Datasheet HTML 52Page - ITT Industries 22017 Datasheet HTML 53Page - ITT Industries 22017 Datasheet HTML 54Page - ITT Industries 22017 Datasheet HTML 55Page - ITT Industries 22017 Datasheet HTML 56Page - ITT Industries 22017 Datasheet HTML 57Page - ITT Industries 22017 Datasheet HTML 58Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 120 page
background image
ARINC 404
DPX*MA/ME
Contact Arrangement Variations, Crimp Type - DPX*MA/ME Series
54
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
NOTE: See pages 62-65 for Coaxial Contact data
See pages 57-58 for Crimp Contact data
Contact
Arr.
57
57 #20
1
2
3
4
5
6
7
1
2
3
4
5
6
7
8
8
9
9
11
11
10
10
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
23
24
25
26
27
28
22
23
24
25
26
27
28
29
29
30
31
32
33
34
35
36
37
38
30
31
32
33
34
35
36
37
38
39
40
41
42
39
40
41
42
43
44
45
46
47
43
44
45
46
47
48
48
49
49
50
50
51
51
52
53
54
52
53
54
55
56
57
55
56
57
58
59
60
61
62
63
64
65
66
67
1
12
25
39
52
66
79
93
106
13
26
40
53
67
80
94
1500V
57
57
201-57
1-2, 6-67
3, 4, 5
1-106
20 H.D.
16
22
64
3
106
67
A106
1500 (3-5)
1000 (1, 2,
6-67)V
1000V
64 #20 H.D.
3 #16
106 #22
**Crimp rear release coaxial contacts.
†A106 arrangements have the POS-ALINE connector design. See below.
NOTE: Engaging force of each layout arrangement shall not exceed 45 lbs. maximum.
For high density A106 contact arrangement
PLUG INSULATOR
PIN
SOCKET
In the POS-ALIGN connector construction the entire pin contact is recessed in an individual cavity in the
plug insulator while the sturdy socket members are exposed and extend from the connector receptacle face.
There is a lead-in chamfer that guides the socket contact into the pin cavity assuring proper contact
alignment during mating and protecting the pin contact from damage and wear.
RECEPTACLE INSULATOR
67
A106†
57
67
A106†
No. of Contacts
& Wire Size
Test Voltage
AC (RMS)
Contact
Arr. No.
No. of
Contacts
Contact Size or
Code Letter
Contact
Numbers
Positive Contact Alignment Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com