Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 63 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 63 Page - ITT Industries

Back Button 22017 Datasheet HTML 59Page - ITT Industries 22017 Datasheet HTML 60Page - ITT Industries 22017 Datasheet HTML 61Page - ITT Industries 22017 Datasheet HTML 62Page - ITT Industries 22017 Datasheet HTML 63Page - ITT Industries 22017 Datasheet HTML 64Page - ITT Industries 22017 Datasheet HTML 65Page - ITT Industries 22017 Datasheet HTML 66Page - ITT Industries 22017 Datasheet HTML 67Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 120 page
background image
Components/Accessories
LITTLE CAESAR® CONTACT RETENTION (A32W4 & AW8 CONTACT ARRANGEMENTS)
Coaxial Contact Assembly and Extraction Recommendations
WITHOUT SEAL
Cable Trim Dimensions
SEALED
Part Number*
Without Seal†† (MA)
Sealed (ME)
Seal 1
Seal 2
Ins. Dia.
Size/Max.
'A' Trim
Dim.
Cable Accommodation†
32W4** (MA Version)
A32W4 (ME Version)
1
1
2
3
4
5
6
7
8
10
8
16
25
7
9
15
24
22
28
29
30
31
32
23
W8** (MA Version)
AW8 (ME Version)
P-249-1633-004
S-249-1634-003
P-249-1982-000
S-249-1983-000
P-249-2017-001
S-249-2018-001
P-249-2019-001
S-249-2020-001
P-249-2061-001
S-249-2062-001
1. Use Crimp Tool No. DIE Y211 (995-0002-249), Tool M22520 / 5-01 (995-
0001-761).
2. Use extraction tool No. CET-C8. An insertion tool is not required.
(See Note 5).
3. Center contact, rear insulator, crimp ring, support bushing (not applicable to
RG58/RG142 coaxials), seal sleeve, front insulator, shell and ferrule are
shipped unassembled in a common container.
4. Cable Assembly Instructions:
Step 1 - If applicable, determine which portion of seal sleeve should be
used. If seal 2 is used, cut off seal 1 portion.
Step 2 - In sequence, place seal sleeve, support bushing and crimp ring
over cable jacket.
Step 3 - Trim cable per illustration.
Step 4 - Comb out braid and flare out ends to permit entry of ferrule.
Step 5 - Complete termination per illustration. (See below)
5. To extract: coaxial, push back seal sleeve and support bushing. Slip cable into ex-
traction tool. Push tool into insert until it contacts coaxial retaining shoulder. Grip
both cable and tool with one hand and pull coaxial rearward out of insert cavity.
6. To facilitate extraction of contacts and avoid splaying, the length of free cable
adjacent to the rear surface of the connector should not be less than 2.000
(50.80).
A. Carefully push inner conductor through rear insulator.
B. While holding rear insulator firmly against ferrule, trim conductor to .156
(3.96)/.146 (3.71) dimension.
C. Place contact over conductor and solder.
.035 (0.89)
.030 (0.76)
.156 (3.96)
.146 (3.71)
FERRULE
BRAID
CONTACT
REAR INSULATOR
CRIMP AREA
FRONT INSULATOR
COAXIAL SHELL
.350
(8.89)
APPROX.
A. Push ferrule under braid as far as it will go. Trim off braid extending beyond
shoulder of ferrule, if necessary.
B. While holding ferrule in place pull crimp sleeve forward over braid until it is
tight against shoulder an ferrule. Pull firmly against face of ferrule to make
sure it is up tight.
C. Trim dielectric to the .035 (0.89)/.030 (0.76) dimension.
A. Place front insulator over contact and then push assembly into coaxial shell.
B. Place parts in jaw of crimp tool. Locate jaws at start of chamfer on crimp
sleeve. Press sleeve firmly into coaxial shell and crimp.
C. After assembled coaxial is inserted into connector, push support bushing into
grommet until shoulder rests on tubular extension. Then pull sealing sleeve
forward until it is snug on grommet.
SOCKET
SOCKET
BUSHING
BUSHING
SEAL
SEAL 1
SEAL 2
PIN
PIN
SOCKET
.610 (15.49)
.590 (14.99)
A
PIN
*P for Pin. S for Socket
Unsealed accommodates both Seal 1 & Seal 2 cables.
For use with connector supplied less grommet (Code-29**, etc.).
P-249-1633-003
S-249-1634-002
P-249-1982-001
S-249-1983-001
P-249-2017-000
S-249-2018-000
P-249-2019-000
S-249-2020-000
P-249-2061-000
S-249-2062-000
RG179
RG180B
RG58C
RG142B
RG178B
RG174, RG316,
RG179B
RG195
X
X
X
.111 (2.82)
.158 (8.89)
.196(4.98)
.196 (4.98)
.075 (1.90)
.350 (8.89)
.330 (8.38)
.260 (6.60)
.250 (6.35)
.260 (6.60)
.250 (6.35)
.260 (6.60)
.250 (6.35)
.260 (6.60)
.250 (6.35)
{
{
{
{
ARINC 404
DPX*ME Crimp
DPX*MA/ME Coaxial Contact Data (for environmental requirements)
63
www.ittcannon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com