Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 24 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 24 Page - ITT Industries

Back Button 22017 Datasheet HTML 20Page - ITT Industries 22017 Datasheet HTML 21Page - ITT Industries 22017 Datasheet HTML 22Page - ITT Industries 22017 Datasheet HTML 23Page - ITT Industries 22017 Datasheet HTML 24Page - ITT Industries 22017 Datasheet HTML 25Page - ITT Industries 22017 Datasheet HTML 26Page - ITT Industries 22017 Datasheet HTML 27Page - ITT Industries 22017 Datasheet HTML 28Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 120 page
background image
ARINC 600
SGA
Plug Shell Dimensions
24
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Recommended Panel Cutout
.205 (5.21)
.190 (4.83)
RAD. 4 Places
1.696 (43.08)
1.676 (42.58)
2.335 (59.31)
2.325 (59.06)
2.860 (72.64)
2.840 (72.14)
1.781 (45.24)
1.777 (45.14)
.655 (16.64)
.620 (15.75)
1.60
(40.64)
MAX.
.065 (1.65)
.062 (1.57) DIA
.120 (3.05)
.098 (2.49)
.185 (4.70)
.145 (3.68)
1.291 (32.79)
1.287 (32.69)
1.01 (25.65)
.99 (25.15)
.850 (21.59)
.830 (21.08)
.26 (6.60)
.24 (6.10)
.130 (3.30)
.120 (3.05)
FLANGE
*APPLIES TO INSERT RETAINING
SCREW LOCATION
.06 (1.52)
RAD. 4 PLACES
.10 (2.54) X .10 (2.54)
4 PLACES
1.910 (48.51)
1.890 (48.01)
1.165
(29.59)
1.165
(29.59)
3.010
(2.990)
.06 (1.52)
RAD. 4 PLACES
.156 (3.96( _+ .001 (0.03) DIA. 4 HOLES
FOR PRESSED NO. 4 CAPTIVE NUT OR
.140 O/ (3.56) DIA. FOR LOOSE HARWARE
.705 (17.91)*
.705 (17.91)*
1.760 (44.70)
1.740 (44.20)
1.050 (26.67)
1.030 (33.02)
*.705 APPLIES FOR 00, 03, 06,
14, 15 MOUNTING MODIFICATIONS
*.650 APPLIES FOR 05, 07, 08, 09, 10, 11,
12, & 13 MOUNTING MODIFICATIONS
.705*
(17.91)
.705*
(17.91)
.760*
(19.30)
.760*
(19.30)
SCREW, .112-40UNC - 2A, 4 PLACES
A1 POSITION
DESIGNATOR
.070 (1.78)
.050 (1.27)
.470 (11.94)
.460 (11.68)
.265 (6.73)
.255 (6.48)
+
+
+
+
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com