| Electronic Components Datasheet Search |
|
22017 Datasheet(PDF) 69 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 Datasheet(HTML) 69 Page - ITT Industries |
|
69 / 120 page ![]() Modfication MODIFICATION 39 Two Post Type Face View of Engaging End Three Post Type DPX2-34A or 34B DPX3-33 DPX4-33 DPXB-33 DPXB-34 DPX2-33A or 33B DPX2-33F or 33M DPX2-34F or 34M ALTERNATE STYLE Applicable Series All DPX series with LITTLE CAESAR retention All DPX series with LITTLE CAESAR retention All DPX series with LITTLE CAESAR retention All DPX series with LITTLE CAESAR retention All DPX series with LITTLE CAESAR retention All DPX series with LITTLE CAESAR retention All DPX as listed for code -22 All DPXB series All DPX series with LITTLE CAESAR retention DPXB-33 & 34 DPX2-33B DPX2-34B DPX3-33 & 34 DPX4-33 & 34 - 39** FLOATING BUSHINGS #4-40 THREAD ATTACHING TABS (2 PER RETAINING PLATE) LEFT POST COUPLING MECHANISM RIGHT POST TOP TOP TOP TOP LEFT POST COUPLING MECHANISM RIGHT POST LEFT POST CENTER POST RIGHT POST LEFT POST CENTER POST RIGHT POST LEFT POST OR KEY CENTER POST OR KEY RIGHT POST OR KEY LEFT POST CENTER POST RIGHT POST LEFT POST CENTER POST RIGHT POST LEFT POST CENTER POST RIGHT POST - 70** - 71 - 72 - 73 - 74 - 75 - 76 - 77 - 78 - 79 Applicable for all MA, ME, NA and NE Series Connectors. Applicable for NE Series Also. **Indicates polarizing position. (See page 72) The -7*** and 8*** Modification Codes are reserved for connectors which have Low Insertion Force (LIF) Contacts. The LIF design is not applicable to thermocouple contacts, coaxial contacts and contacts larger than size 8 and Standard size 20 With floating eylets & tabs for attaching junction shells. Definition Same as -00 with addition of LIF contacts See Contact Section Page 54 Same as -31 with addition of LIF contacts See Contact Section Page 54 Same as -01 with addition of LIF contacts See Contact Section Page 54 Same as -23 with addition of LIF contacts See Contact Section Page 54 Same as -33 with addition of LIF contacts See Contact Section Page 54 Same as -02 with addition of LIF contacts See Contact Section Page 54 Same as -22 with addition of LIF contacts Mounting holes .120 (3.05) dia. countersunk 82 to .230 (5.84) dia. and has LIF contacts. Same as -29 with addition of LIF contacts 1 2 1 ARINC 404 DPX Modifications Codes 69 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change Polarization |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |