Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 19 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 19 Page - ITT Industries

Back Button 22017 Datasheet HTML 15Page - ITT Industries 22017 Datasheet HTML 16Page - ITT Industries 22017 Datasheet HTML 17Page - ITT Industries 22017 Datasheet HTML 18Page - ITT Industries 22017 Datasheet HTML 19Page - ITT Industries 22017 Datasheet HTML 20Page - ITT Industries 22017 Datasheet HTML 21Page - ITT Industries 22017 Datasheet HTML 22Page - ITT Industries 22017 Datasheet HTML 23Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 120 page
background image
Part
Number
Contact
Size
Color
A
B
C
Part
Number
#5 Coax to #12 Contact
Cavity reducers are available when additional circuits are required for siz 12 power contacts. These
reducers, having the internal configuration of size 12 power contact, are inserted into the size 5 coaxial
insulator cavity to create size 12 power contact cavity.
(Non removable)
225-0094-000
225-1013-000
225-0070-000
225-0071-000
225-0072-000
225-0090-000
225-0095-000
225-0096-000
225-0097-000
225-0098-000
225-0099-000
025-1121-001
025-1122-001
025-1123-001
025-1124-001
Pin
P/N 021-8756-000
Socket
P/N 021-8757-000
Note: Supplied as standard for BKA product line only.
BKAD 1-A & B-Plug
BKAD 1-C-Plug
BKAD 2&3-A & B-Plug
BKAD 2&3-C-Plug
025-1155-001
025-1156-001
025-1157-001
025-1158-001
BKAD 1-A&B-Receptacle
BKAD 1-C-Receptacle
BKAD 2&3-A & B-Receptacle
BKAD 2&3-C-Receptacle
22
20
16
12
#5 Coax
(Pin)
22
20
16
12
#5 and #9 Coax
#5 and #9 Coax
(Socket)
Black
Red
Blue
Yellow
White
Black
Red
Blue
Yellow
White
.063 (1.6)
.085 (2.2)
.115 (2.9)
.171 (4.3)
.365 (9.3)
.040 (1.0)
.065 (1.6)
.075 (1.9)
.121 (3.1)
.287 (7.3)
.469 (11.9)
.469 (11.9)
.469 (11.9)
.564 (14.3)
.835 (21.2)
White
.069 (1.7)
.083 (2.1)
.131 (3.3)
.187 (4.7)
.275 (7.0)
.275 (7.0)
.051 (1.3)
.069 (1.7)
.108 (2.7)
.156 (4.0)
.251 (6.4)
.251 (6.4)
.420 (10.7)
.350 (8.9)
.320 (8.1)
.320 (8.1)
.450 (11.4)
1.061 (26.9)
Part Number
Part Number
Description
Description
Contact
Size
Color
A
B
C
P/N 225-0090-000
Material: Teflon
(All others thermoplastic)
P/N 225-0099-000
Material: Teflon
(All others thermoplastic)
BKAF P/N 225-1058-000
(Size 22 - Black)
(See Customer Use Drawing for details)
Conductive dust caps protect against
static electricity.
A
A
A
A
B
B
B
B
C
C
C
C
ARINC 600
BKAD/E/F
Sealing Plugs-BKAE Environmental Connectors Only
19
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
Filler Plugs-BKAD Non-Environmental Connectors Only
Cavity Reducer
Dust Caps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com