Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 40 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 40 Page - ITT Industries

Back Button 22017 Datasheet HTML 36Page - ITT Industries 22017 Datasheet HTML 37Page - ITT Industries 22017 Datasheet HTML 38Page - ITT Industries 22017 Datasheet HTML 39Page - ITT Industries 22017 Datasheet HTML 40Page - ITT Industries 22017 Datasheet HTML 41Page - ITT Industries 22017 Datasheet HTML 42Page - ITT Industries 22017 Datasheet HTML 43Page - ITT Industries 22017 Datasheet HTML 44Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
MIL-C-81659
DPXNA/DPXNE
Coaxial Cable Reference Guide
40
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
For BKA*, DPX Series (Crimp, & Solder)
Reference MIL-C-17D & DPX NE/NA MIL-C-81659 Series
7
RG/U
Type
9
55
58
59
59B
62
62A
71
115
142
142B
174
178
179
179B
180
180B
187
188
195
196
214
223
225
316
393
400
402
0.0359"
Inner
Conductor
0.0855"
0.0320"
0.0320" BC
0.0253"
0.0230'
0.0253"
0.0253"
0.0253"
0.0840"
0.0359"
0.0390"
0.0189"
0.0120"
0.0120"
0.0120"
0.0120"
0.0120"
0.0120"
0.0201"
0.0888"
0.035"
0.0936'
0.0201"
0.0936"
0.0385"
0.0360'
Air-space
PE
Dielectric
Material
PE
PE
PE
PE
PE
Air-space
PE
Air-space
PE
Air-space
PE
PTFE
PTFE
PTFE
PE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PTFE
PE
pE
PTFE
PTFE
PTFE
PTFE
PTFE
0.250
DOD
(Inch)
0.280
0.116
0.116
0.146
0.146
0.146
0.146
0.146
0.250
0.116
0.116
0.060
0.036
0.057
0.063
0.103
0.102
0.060
0.060
0.102
0.034
0.285
0.116
0.285
0.060
0.285
0.116
0.119
PVC
Jacket
Material
PVC
PE
PVC
PVC
PVC
PVC
PVC
PVC
FG Braid
FG Braid
FEP
PVC
KEL-F
KEL-F
FEP
KEL-F
FEP
PTFE
PTFE
PTFE
PTFE
PVC
PVC
FG Braid
FEP
FEP
FEP
None
0.370
O.D
(Inch)
0.420
0.206
MAX
0.195
0.242
0.242
0.242
0.242
0.250
Max.
0.375
0.206
Max
0.195
0.100
0.079
Max
0.094
Max
0.100
0.141
Max.
0.145
Max
0.110
Max.
0.110
Max.
0.155
Max.
0.080
Max.
0.425
0.216
Max.
0.430
0.102
0.390
0.195
0.141
0.080
Weight
(lbs/ft)
0.140
0.032
0.029
0.032
0.032
0.038
0.038
0.046
0.148
0.047
0.050
0.008
0.0054
0.010
0.010
0.019
0.019
0.010
0.011
0.020
0.006
0.126
0.034
0.180
0.012
0.165
0.050
0.032
- 40 + 80
Max.Oper.
Temp.Range
( C)
- 40 + 80
- 55 + 80
- 40 + 80
- 40 + 80
- 40 + 80
- 40 + 80
- 40 + 80
- 40 + 80
- 55 + 250
- 55 + 250
- 55 + 200
- 40 + 80
- 40 + 150
- 55 + 150
- 55 + 200
- 40 + 150
- 55 + 200
- 55 + 250
- 55 + 250
- 55 + 250
- 55 + 250
- 40 + 80
- 40 + 80
- 55 + 250
- 55 + 200
- 55 + 200
- 55 + 200
- 55 + 200
1,000
Max. Oper.
Voltage
(Volts
RMS)
4,000
1,900
1,900
2,300
2,300
750
750
750
5,000
1,900
1,900
1,500
1,000
1,200
1,200
1,500
1,500
1,200
1,200
1,500
1,000
5,000
1,900
5,000
1,200
5,000
1,900
2,500
Use RG63B
Suggested
Alt Cable
Use RG214
Use RG55B
Use RG58B
Use RG59B
Use up to
1000 MHz
Use RG62A
-
Use RG71B
Use RG115A
Use RG142A
-
-
Use RG178B
Use RG179B
-
Use RG180B
-
Use RG179B
Use RG316
Use RG180B
Use RG178B
-
-
-
Use RG188A
Use RG225
-
Use RG142B
-
Code
Crimp
Type
Coax
-
S
D,P,G
J,AC,AD
A,F,T
-
A,F,T
-
-
V
S,AE
-
D,H,U
AF
E,R,K,AG,
L,M,AF
D,H,U
AF
-
C,AB
AB
D,H,U
AF
D,H,U,
AF
C,AB
E,R,K,
L,AA,AG
-
-
-
-
-
-
-
I
Code
Solder
Type
Coax
R,AC
C,J
C,J,Z,
AB
D
-
E
-
E
-
-
-
-
-
-
-
B
-
A,K
A,K
B
AA
R,AC
C,J
-
-
-
-
-
-
DPX
NE/NA
Military
-
-
Size 5/9
Seal 1
-
-
-
-
-
-
Size 5/9
Seal 1
-
Size 5/9
Seal 2
Size 5/9
Seal 1
Size 5/9
Seal 1
Seal 2
-
Size 5/9
Seal 1
-
-
-
-
Size 5/9
Seal 1
-
-
Size 5/9
Seal 2
Size 5/9
Seal 2
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com