Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 43 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 43 Page - ITT Industries

Back Button 22017 Datasheet HTML 39Page - ITT Industries 22017 Datasheet HTML 40Page - ITT Industries 22017 Datasheet HTML 41Page - ITT Industries 22017 Datasheet HTML 42Page - ITT Industries 22017 Datasheet HTML 43Page - ITT Industries 22017 Datasheet HTML 44Page - ITT Industries 22017 Datasheet HTML 45Page - ITT Industries 22017 Datasheet HTML 46Page - ITT Industries 22017 Datasheet HTML 47Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 120 page
background image
DPXA - Single Shell DPX
DPXA connectors are one-piece shell miniature
rack/panel connectors. The construction offers
high strength and maximum utilization of insert area
for contact arrangements accommodating up to 106
contacts. Shells are keystone-shaped for polar-
ization. Operating temperature for the DPXA is
-54.2˚C to +125˚C (-67˚F to +257˚F).
DPXB - Polarized ARINC Shell
DPXB connectors are DPXA connectors with an
ARINC B shelf. Additional polarization is provided
by three hexagonal polarizing posts.
DPX2 - Two Gang DPX Series
DPX2 connectors are the original two-gang versions
of the DPX, and are made of the same materials and
accommodate the same contact arrangements.
Keystone shaped shells accommodate two DPX
inserts with up to 212 contacts. The DPX2 has
three polarizing posts with 99 polarizing positions.
DPX2 - A - ARINC A Shell
DPX2-A connectors are DPX2 connectors with an
ARINC A shell. This shell type has the receptacle
flange placed .344 (8.74) from the front of the
engaging portion of the shell, and short aluminum
alloy polarizing posts permit polarization before
contacts engage.
DPX3 - Three Gang DPX Series
DPX3 connectors are three-gang versions of the
DPX, made of the same materials, and accommo-
date the same contact arrangements. The three-
gang version can therefore accommodate up to a
total of 318 in the keystone shaped shells, with
three polarizing posts that are capable of providing
up to 99 polarizing positions.
DPX4 - Four Gang DPX Series
DPX4 connectors are four gang versions of the DPX,
made of the same materials, and can accommodate
four separate arrangements that can total up to
424 contacts. The DPX4 has three polarizing posts
with 99 polarizing positions.
DPX*MA - LITTLE CAESAR' Contact Assembly
DPX*MA connectors are DPX connectors with the
LITTLE CAESAR contact assembly for rear in-
sertion, release, and extraction of crimp type con-
tacts. Insertion requires no tool; extraction requires
an expendable plastic tool. A hard dielectric,
closed-entry socket insert has lead-in chamfers for
positive mating of contacts. Contacts are crimpable
with the M22501 tool.
DPX*ME - Environmental with LITTLE CAESAR
Contact Assembly
DPX*ME connectors are DPXMA connectors with
environmental interfacial and grommet seals, and
olive drab shell finish.
receptacle flange placed .060 (1.52) from the front
of the engaging portion of the shell, and polarizing
posts permit polarization before the shells engage.
DPX2-B - ARINC B Shell
DPX2-B connectors supersede the DPX2-A and
have an ARINC B Shell. This Shell type has the
DPXA-34
DPX2-34B
DPX3-34
DPXA/DPXB/DPX2
Aluminum alloy
Cadmium plate with yellow chromate
Melamine or Phenolic
Copper alloy
Gold
Solder Pot
Die Cast
Cadmium
Steel
Cadmium Plate
N/A
Material
Finish
Material
Material
Finish
Termination
Material
Finish
Material
Finish
Material
Shell
Insulator
Contacts
Polarizing Posts
Screws & Lockwashers
Seals
DPX*MA/DPX2*MA/ME
Aluminum alloy
Cadmium plate with yellow chromate for MA: olive drab for ME
Diallyl phthalate or epoxy
Copper alloy
Gold
Crimp
Die cast
Cadmium
Steel
Cadmium plate
Silicone
Specifications
QQ- A-591/A380
QQ-P-416
MIL-M-14
QQ-C-533
MIL-G-45204
N/A
QQ-P-416
QQS-630-637
QQ-P-416
N/A
DPXB-33
DPX2-33B
DPX4-33
ARINC 404
DPX
Performance and Material Specifications (DPXA/DPXB/DPX*MA/DPX*ME)
43
www.ittcannon.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com