| Electronic Components Datasheet Search |
|
22017 Datasheet(PDF) 60 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
22017 Datasheet(HTML) 60 Page - ITT Industries |
|
60 / 120 page ![]() NOTES: *P for pin; S for socket. A *RG-59/U RG-62/U P-249-1397-000 S-249-1398-000 P-249-1399-000 S-249-1400-000 P-249-1401-000 S-249-1402-000 P-249-1403-000 S-249-1404-000 P-249-1405-000 S-249-1406-000 P-249-1633-000 S-249-1634-000 Ring Loc .760 (19.30) CA58073 CCT-HX4-524 CCT-408M CCT-HX4-524 CCT-408M CCT-HX4-524 CCT-408M CA58073 CCT-HX3-156 CA58073 CCT-HX3-156 CCT-HX4-524 CCT-408M Solder Crimp CA58073 CET-C4 (038869-0004) CET-C4 (038869-0004) CET-C4 (038869-0004) CET-C8 (323-7011-000) CET-C8 (323-7011-000) CET-C8 (323-7011-000) CET-C8 (323-7011-000) CET-C8 (323-7011-000) .158 (4.01) .148 (3.76) .128 (3.25) .118 (3.00) .128 (3.25) .118 (3.00) .072 (1.83) .062 (1.57) .072 (1.83) .062 (1.57) .072 (1.83) .062 (1.57) .128 (3.25) .118 (3.00) .072 (1.83) .062 (1.57) .158 (4.01) .148 (3.76) .130 (3.30) .120 (3.05) .158 (4.01) .148 (3.76) .130 (3.30) .120 (3.05) .130 (3.30) .120 (3.05) .275 (6.53) .247 (6.27) .211 (5.36) .201 (5.10) .166 (4.22) .156 (3.96) .121 (3.07) .111 (2.82) .091 (2.31) .081 (2.06) .121 (3.07) .111 (2.82) .235 (5.97) .215 (5.46) .091 (2.31) .081 (2.06) .238 (6.04) .228 (5.79) .238 (6.04) .228 (5.79) .238 (6.04) .228 (5.79) .211 (5.36) .201 (5.10) .273 (6.93) .263 (6.68) .760 (19.30) .760 (19.30) .760 (19.30) .760 (19.30) .760 (19.30) .775 (19.68) .592 (15.04) .592 (15.04) .592 (15.04) .592 (15.04) .500 (12.70) 798 (20.27) Ring Loc Ring Loc Ring Loc Ring Loc Ring Loc LITTLE CAESAR LITTLE CAESAR LITTLE CAESAR LITTLE CAESAR LITTLE CAESAR LITTLE CAESAR Ring Loc S-249-1608-000 P-249-1670-000 S-249-1671-000 P-249-1474-000 S-249-1471-000 P-249-1958-000 S-249-1959-000 P-249-1960-000 S-249-1961-000 P-249-1631-000 S-249-1632-000 P-249-1388-000 S-249-1390-000 *RG-58/U RG-174/U, RG-187/U RG-179/U, RG-188/U RG-174/U, RG-187/U RG-179/U, RG-188/U *RG-58/U with nylon braid over jacket *RG-180/U RG-195/U RG-178/U RG-196/U *RG-178/U RG-196/U RG-59/U RG-62/U RG-55/U RG-142/U RG-59/U RG-62/U RG-58/U RG-58/U B C D E H P R F S T G J B16W3 25W3 32W2 40W1 B16W3 25W3 32W2 40W1 W8 32W4 W8 32W4 W8 32W4 W8 32W4 W16W3 25W3 32W2 40W1 X Y DIA. Z DIA. X Y DIA. Z DIA. X Y DIA. Z DIA. X Y DIA. Z DIA. Arr. Used In Code Letter Cable Accommodation Contact Retention X Max. Y Dia. Z Dia. Extraction Tool Part Number* Crimp Tool Codes A, B, C, D, E, H, P, R Codes F, S, T *IMPORTANT: These coaxials can only be used in the DPX*MAS or DPX*MB Connector Series. Codes G Codes J 1. The "X" dimension is take from the rear of the shell. 2. Codes G and S are inactive for new design. Use codes AD and AE. 3. Code AA is designed for installations that have limited space in the terminal area. Use code AG for standard installations. ARINC 404 DPX*MA Crimp Coaxial Contacts 60 www.ittcannon.com Dimensions shown in inch (mm) Specifications and dimensions subject to change |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |