Electronic Components Datasheet Search
  English  ▼

X  

22017 Datasheet(PDF) 112 Page - ITT Industries

Part # 22017
Description  Cannon Rack & Panel Connectors
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

22017 Datasheet(HTML) 112 Page - ITT Industries

Back Button 22017 Datasheet HTML 108Page - ITT Industries 22017 Datasheet HTML 109Page - ITT Industries 22017 Datasheet HTML 110Page - ITT Industries 22017 Datasheet HTML 111Page - ITT Industries 22017 Datasheet HTML 112Page - ITT Industries 22017 Datasheet HTML 113Page - ITT Industries 22017 Datasheet HTML 114Page - ITT Industries 22017 Datasheet HTML 115Page - ITT Industries 22017 Datasheet HTML 116Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 120 page
background image
DPD/DPDMA
Stripping Instructions
112
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
How to Order
How to Order
ITT Cannon recommends resistance soldering for all
solder contacts, particularly for RF cable where
excessive heat will damage the dielectric. Wires
should be pre-tinned. Shells, bushings, endbells and
junction shells Jwhere applicable) must be slipped
over wire bundles before soldering or crimping is
started. The mechanical steps in wiring coaxials are
described below.
1. Cut cable even. Trim to dimensions shown on
tabulation. Care should be taken not to injure
the conductor or dielectric.
3. Remove solder pot cover. Insert cable and solder
conductor to contact. If a straight contact is
used, the dielectric should but against contact
solder pot.
4. Replace solder pot cover and solder braid to
ferrule.
2. Comb braid, tin conductor and remove flux. If a
90 contact is used, bend conductor 90˚ after
tinning.
Single Gang - DPD/DPDMA
The DPD/DPDMA can be engaged by means of a
No. 10-32 steel jack screw and clinch nut. This
coupling device is designed to fasten connectors
securely when they are used in other than standard
rack/ panel applications. The jack screws and clinch
nuts are mounted on the shell flanges at the factory.
They may be called out on either -33 or -34 shelis,
although it is preferred to have jack screws on the
-33 shell and the clinch nuts on the -34 shell. The
device can be ordered on both DPD and DPDMA.
Two Gang - DPD2/DPD2MA
The DPD2 is engaged by means of a variety of
screw mechanisms. Engaging devices are inter-
changeable (within the thread group) with male or
female mounting on either 33 or 34 shells. The
accompanying tabulation lists the available engag-
ing devices, male opposite female, with which they
mate.
R Coaxial (Straight and 90 )
Coax Type
Straight
R Coax
RG-7/U
RG-59/U
RG-62/U
RG-7/U
RG-58/U
RG-59/U
RG-62/U
.171 (4.34)
.171 (4.34)
.171 (4.34)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.218 (5.54)
.421 (10.69)
.546 (13.87)
.543 (13.87)
.312 (7.92)
.531 (13.49)
.531 (13.49)
.531 (13.49)
.515 (13.08)
.671 (17.04)
.671 (17.04)
.437 (11.10)
.593 (15.06)
.593 (15.06)
.593 (15.06)
90 angle
R Coax
DPD-**-34*-1* N
DPD-**-33*-1* S
N = Clinch Nut
S = Jack Screw
The suffix "N" or "S" is placed immediately after the mounting
hole variation; i.e., - 1AN, -1AS, etc.
Engaging Device
DPD2
MALE ENGAGING DEVICES
Used On
Part
Number
DPD2
DPD2MA
F
M
MA
CM
CMRA
DM
DM-1
DM-2
DM-3
DM-7
CF
DF
FEMALE ENGAGING DEVICES
#10-32 steel jack screw (on horizontal center line)
-34
Shell
#10-32
clinch nut
on horizontal
center line
1/4 hex with
screwdriver
slot &
safety wire
hole
-33
Shell
-72C2
-34PCM
Cable Size
A
C
BRAID
DIELECTRIC
CONDUCTOR
Straight
A
B
C
COVER
Trim
B
90
Engaging Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com