Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 102 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 102 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 98Page - Cypress Semiconductor CY8C54LP Datasheet HTML 99Page - Cypress Semiconductor CY8C54LP Datasheet HTML 100Page - Cypress Semiconductor CY8C54LP Datasheet HTML 101Page - Cypress Semiconductor CY8C54LP Datasheet HTML 102Page - Cypress Semiconductor CY8C54LP Datasheet HTML 103Page - Cypress Semiconductor CY8C54LP Datasheet HTML 104Page - Cypress Semiconductor CY8C54LP Datasheet HTML 105Page - Cypress Semiconductor CY8C54LP Datasheet HTML 106Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 102 of 117
Figure 11-66. Synchronous Write and Read Cycle Timing, No Wait States
Table 11-61. Synchronous Write and Read Timing Specifications
Parameter
Description
Conditions
Min
Typ[24]
Max
Units
Fbus_clock Bus clock frequency[53]
––
33
MHz
Tbus_clock Bus clock period[54]
30.3
–
–
ns
Twr_Setup
Time from EM_data valid to rising edge of
EM_Clock
Tbus_clock – 10
–
–
ns
Trd_setup
Time that EM_data must be valid before rising
edge of EM_OE
5–
–
ns
Trd_hold
Time that EM_data must be valid after rising
edge of EM_OE
5–
–
ns
Tbus_clock
Bus Clock
EM_Addr
EM_CE
EM_ADSC
EM_Clock
EM_WE
EM_OE
EM_Data
Trd_setup
Trd_hold
Write Cycle
Read Cycle
Minimum of 4 bus clock cycles between successive EMIF accesses
Twr_setup
Notes
53. EMIF signal timings are limited by GPIO frequency limitations. See “GPIO” section on page 69.
54. EMIF output signals are generally synchronized to bus clock, so EMIF signal timings are dependent on bus clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com