Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 105 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 105 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 101Page - Cypress Semiconductor CY8C54LP Datasheet HTML 102Page - Cypress Semiconductor CY8C54LP Datasheet HTML 103Page - Cypress Semiconductor CY8C54LP Datasheet HTML 104Page - Cypress Semiconductor CY8C54LP Datasheet HTML 105Page - Cypress Semiconductor CY8C54LP Datasheet HTML 106Page - Cypress Semiconductor CY8C54LP Datasheet HTML 107Page - Cypress Semiconductor CY8C54LP Datasheet HTML 108Page - Cypress Semiconductor CY8C54LP Datasheet HTML 109Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 105 of 117
11.8.5 SWD Interface
Figure 11-68. SWD Interface Timing
11.8.6 TPIU Interface
Table 11-68. SWD Interface AC Specifications[60]
Parameter
Description
Conditions
Min
Typ
Max
Units
f_SWDCK
SWDCLK frequency
3.3 V
≤ VDDD ≤ 5V
–
–
12[62]
MHz
1.71 V
≤ VDDD < 3.3 V
–
–
7[62]
MHz
1.71 V
≤ VDDD < 3.3 V, SWD over
USBIO pins
––
5.5[62]
MHz
T_SWDI_setup SWDIO input setup before SWDCK high T = 1/f_SWDCK max
T/4
–
–
T_SWDI_hold
SWDIO input hold after SWDCK high
T = 1/f_SWDCK max
T/4
–
–
T_SWDO_valid SWDCK high to SWDIO output
T = 1/f_SWDCK max
–
–
T/2
T_SWDO_hold SWDIO output hold after SWDCK high T = 1/f_SWDCK max
1
–
–
ns
SW D IO
(PSoC input)
SW DCK
T_SW D I_setup
SW D IO
(PSoC output)
(1/f_SW DCK)
T_SW D I_hold
T_SW D O _valid
T_SW D O _hold
Notes
59. ARM Cortex-M3 NVIC spec. Visit www.arm.com for detailed documentation about the Cortex-M3 CPU.
60. Based on device characterization (Not production tested).
61. f_TCK must also be no more than 1/3 CPU clock frequency.
62. f_SWDCK must also be no more than 1/3 CPU clock frequency.
63. TRACEPORT signal frequency and bit rate are limited by GPIO output frequency, see “GPIO AC Specifications” on page 70.
Table 11-69. TPIU Interface AC Specifications[60]
Parameter
Description
Conditions
Min
Typ
Max
Units
TRACEPORT (TRACECLK) frequency
–
–
33[63]
MHz
SWV bit rate
–
–
33[63]
Mbit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com