Electronic Components Datasheet Search
  English  ▼

X  

CY8C54LP Datasheet(PDF) 107 Page - Cypress Semiconductor

Part # CY8C54LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C54LP Datasheet(HTML) 107 Page - Cypress Semiconductor

Back Button CY8C54LP Datasheet HTML 103Page - Cypress Semiconductor CY8C54LP Datasheet HTML 104Page - Cypress Semiconductor CY8C54LP Datasheet HTML 105Page - Cypress Semiconductor CY8C54LP Datasheet HTML 106Page - Cypress Semiconductor CY8C54LP Datasheet HTML 107Page - Cypress Semiconductor CY8C54LP Datasheet HTML 108Page - Cypress Semiconductor CY8C54LP Datasheet HTML 109Page - Cypress Semiconductor CY8C54LP Datasheet HTML 110Page - Cypress Semiconductor CY8C54LP Datasheet HTML 111Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 117 page
background image
PRELIMINARY
PSoC® 5LP: CY8C54LP Family
Datasheet
Document Number: 001-84934 Rev. **
Page 107 of 117
Figure 11-70. IMO Frequency Variation vs. Temperature
Figure 11-71. IMO Frequency Variation vs. VCC
Jp-p
Jitter (peak to peak)[65]
F = 24 MHz
–
0.9
–
ns
F = 3 MHz
–1.6
–
ns
Jperiod
Jitter (long term)[65]
F = 24 MHz
–
0.9
–
ns
F = 3 MHz
–12
–
ns
Table 11-71. IMO AC Specifications
(continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
Note
65. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com