Electronic Components Datasheet Search
  English  ▼

X  

AD1847 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 5 Page - Analog Devices

  AD1847 Datasheet HTML 1Page - Analog Devices AD1847 Datasheet HTML 2Page - Analog Devices AD1847 Datasheet HTML 3Page - Analog Devices AD1847 Datasheet HTML 4Page - Analog Devices AD1847 Datasheet HTML 5Page - Analog Devices AD1847 Datasheet HTML 6Page - Analog Devices AD1847 Datasheet HTML 7Page - Analog Devices AD1847 Datasheet HTML 8Page - Analog Devices AD1847 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD1847
REV. B
–5–
ABSOLUTE MAXIMUM RATINGS*
Min Max
Units
Power Supplies
Digital (VDD)
–0.3 6.0
V
Analog (VCC)
–0.3 6.0
V
Input Current
(Except Supply Pins)
±10.0
mA
Analog Input Voltage (Signal Pins) –0.3 (VA+) + 0.3
V
Digital Input Voltage (Signal Pins) –0.3 (VD+) + 0.3
V
Ambient Temperature (Operating) 0
+70
°C
Storage Temperature
–65
+150
°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option*
AD1847JP
0
°C to +70°C
44-Lead PLCC
P-44A
AD1847JST
0
°C to +70°C
44-Lead TQFP
ST-44
*P = PLCC; ST = TQFP.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1847 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
44-Lead PLCC
44-Lead TQFP
V
DD
GNDD
GNDD
V
DD
BM
XCTL1
XCTL0
R_AUX2
L_OUT
N/C
L_AUX2
44
1
2
64
5
21
24
23
22
18
20
19
39
38
35
34
33
37
36
3
7
8
11
12
13
9
10
40
41
42
25
28
27
26
43
31
30
29
32
15
16
17
14
Top View
(Not to Scale)
AD1847JP
TSO
TSI
RESET
PWRDOWN
V
CC
V
DD
GNDD
V
REFI
V
REF
R_LINE1
GNDA
N/C = NO CONNECT
33
32
31
30
29
28
27
26
25
24
23
PIN 1 IDENTIFIER
R_LINE1
V
REF
V
REFI
GNDA
V
CC
PWRDOWN
RESET
GNDD
V
DD
TSI
TSO
1
2
3
4
5
6
7
8
9
11
10
V
DD
GNDD
XCTL1
XCTL0
GNDD
V
DD
BM
L_AUX2
R_AUX2
L_OUT
N/C
Top View
(Not to Scale)
AD1847JST
N/C = NO CONNECT
PINOUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com