Electronic Components Datasheet Search
  English  ▼

X  

AD1847 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1847 Datasheet HTML 10Page - Analog Devices AD1847 Datasheet HTML 11Page - Analog Devices AD1847 Datasheet HTML 12Page - Analog Devices AD1847 Datasheet HTML 13Page - Analog Devices AD1847 Datasheet HTML 14Page - Analog Devices AD1847 Datasheet HTML 15Page - Analog Devices AD1847 Datasheet HTML 16Page - Analog Devices AD1847 Datasheet HTML 17Page - Analog Devices AD1847 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD1847
REV. B
–14–
Left Auxiliary #2 Input Control Register (Index Address 4)
IA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0100
LMX2
res
res
LX2G4
LX2G3
LX2G2
LX2G1
LX2G0
LX2G4:0 Left Auxiliary #2 Gain Select. The least significant bit of this 32-level gain/attenuate select represents –1.5 dB.
LX2G4:0 = 0 produces a +12 dB gain. LX2G4:0 = “01000” (8 decimal) produces 0 dB gain. Maximum attenuation is
–34.5 dB. Gains referred to 2.0 V p-p full-scale output level.
res
Reserved for future expansion. Write zeros (LO) to all reserved bits.
LMX2
Left Auxiliary #2 Mute. This bit, when set HI, will mute the left channel of the Auxiliary #2 input source. This bit is HI
after reset.
This register’s initial state after reset is: 1000 0000 (80h).
Right Auxiliary #2 Input Control Register (Index Address 5)
IA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0101
RMX2
res
res
RX2G4
RX2G3
RX2G2
RX2G1
RX2G0
RX2G4:0 Right Auxiliary #2 Gain Select. The least significant bit of this 32-level gain/attenuate select represents –1.5 dB.
RX2G4:0 = 0 produces a +12 dB gain. RX2G4:0 = “01000” (8 decimal) produces 0 dB gain. Maximum attenuation is
–34.5 dB. Gains referred to 2.0 V p-p full-scale output level.
res
Reserved for future expansion. Write zeros (LO) to all reserved bits.
RMX2
Right Auxiliary #2 Mute. This bit, when set HI, will mute the right channel of the Auxiliary #2 input source. This bit is
HI after reset.
This register’s initial state after reset is: 1000 0000 (80h).
Left DAC Control Register (Index Address 6)
IA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0110
LDM
res
LDA5
LDA4
LDA3
LDA2
LDA1
LDA0
LDA5:0
Left DAC Attenuate Select. The least significant bit of this 64-level attenuate select represents –1.5 dB. LDA5:0 = 0 pro-
duces a 0 dB attenuation. Maximum attenuation is –94.5 dB.
res
Reserved for future expansion. Write zeros (LO) to all reserved bits.
LDM
Left DAC Mute. This bit, when set HI, will mute the left channel output. Auxiliary inputs are muted independently with
the Left Auxiliary Input Control Registers. This bit is HI after reset.
This register’s initial state after reset is: 1000 0000 (80h).
Right DAC Control Register (Index Address 7)
IA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
0111
RDM
res
RDA5
RDA4
RDA3
RDA2
RDA1
RDA0
RDA5:0
Right DAC Attenuate Select. The least significant bit of this 64-level attenuate select represents –1.5 dB. RDA5:0 = 0
produces a 0 dB attenuation. Maximum attenuation must be at least –94.5 dB.
res
Reserved for future expansion. Write zeros (LO) to all reserved bits.
RDM
Right DAC Mute. This bit, when set HI, will mute the right DAC output. Auxiliary inputs are muted independently with
the Right Auxiliary Input Control Registers. This bit is HI after reset.
This register’s initial state after reset is: 1000 0000 (80h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com