Electronic Components Datasheet Search
  English  ▼

X  

AD1847 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1847 Datasheet HTML 7Page - Analog Devices AD1847 Datasheet HTML 8Page - Analog Devices AD1847 Datasheet HTML 9Page - Analog Devices AD1847 Datasheet HTML 10Page - Analog Devices AD1847 Datasheet HTML 11Page - Analog Devices AD1847 Datasheet HTML 12Page - Analog Devices AD1847 Datasheet HTML 13Page - Analog Devices AD1847 Datasheet HTML 14Page - Analog Devices AD1847 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD1847
REV. B
–11–
Status Word (16-Bit)
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
res
res
RREQ
res
ID3
ID2
ID1
ID0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
res
res
ORR1
ORR0
ORL1
ORL0
ACI
INIT
INIT
Initialization. This bit is an indication to the host that frame syncs will stop and the serial bus will be shut down. INIT is
set HI on the last valid frame. It is reset LO for all other frames. Read by the host CPU or DSP from the AD1847.
The INIT bit is set HI on the last sample before the serial interface is inactivated. The only condition under which the
INIT bit is set is when a different sample rate is programmed. If FRS = 0 (32 slots per frame, two samples per frame)
and the sample rate is changed in the first sample of the 32 slot frame (i.e., during slots 0 through 15), the INIT bit will
be set on the second sample of that frame (i.e., during slots 16 through 31). If FRS = 0 and the sample rate is changed in
the second sample of the 32 slot frame, the INIT bit will be set on the second sample of the following frame.
ACI
Autocalibrate In-Progress. This bit indicates that autocalibration is in progress or the Mode Change Enable (MCE) state
has been recently exited. When exiting the MCE state with the ACAL bit set, the ACI bit will be set HI for 384 sample
periods. When exiting the MCE state with the ACAL bit reset, the ACAL bit will be set HI for 128 sample periods, indi-
cating that offset and filter values are being restored. Read by the host CPU or DSP from the AD1847.
0
Autocalibration not in progress
1
Autocalibration is in progress
ACI clear (i.e., reset or LO) should be recognized by first polling for a HI on the sample after the MCE bit is reset, and
then polling for a LO. Note that it is important not to start polling until one sample after MCE is reset, because if MCE
is set while ACI is HI, an ACI LO on the following sample will suggest a false clear of ACI.
ORL1:0
Overrange Left Detect. These bits indicate the overrange on the left input channel. Read by the host CPU or DSP from
the AD1847.
0
Greater than –1.0 dB underrange
1
Between –1.0 dB and 0 dB underrange
2
Between 0 dB and 1.0 dB overrange
3
Greater than 1.0 dB overrange
ORR1:0
Overrange Right Detect. These bits indicate the overrange on the right input channel. Read by the host CPU or DSP
from the AD1847.
0
Greater than –1.0 dB underrange
1
Between –1.0 dB and 0 dB underrange
2
Between 0 dB and 1.0 dB overrange
3
Greater than 1.0 dB overrange
ID3:0
AD1847 Revision ID. These four bits define the revision level of the AD1847. The first version of the AD1847 is desig-
nated ID = 0001. Read by the host CPU or DSP from the AD1847.
RREQ
This bit is reset LO for the Status Word, echoing the RREQ state written by the host CPU or DSP in the previous Con-
trol Word. Read by the host CPU or DSP from the AD1847.
res
Reserved for future expansion. All reserved bits read zero (LO).
Immediately after reset, the contents of this register is: 0000 0001 0000 0000 (0100h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com