Electronic Components Datasheet Search
  English  ▼

X  

AD1847 Datasheet(PDF) 23 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1847 Datasheet HTML 19Page - Analog Devices AD1847 Datasheet HTML 20Page - Analog Devices AD1847 Datasheet HTML 21Page - Analog Devices AD1847 Datasheet HTML 22Page - Analog Devices AD1847 Datasheet HTML 23Page - Analog Devices AD1847 Datasheet HTML 24Page - Analog Devices AD1847 Datasheet HTML 25Page - Analog Devices AD1847 Datasheet HTML 26Page - Analog Devices AD1847 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD1847
REV. B
–23–
DATA FORMAT DEFINITIONS
There are four data formats supported by the AD1847: 16-bit
signed, 8-bit unsigned, 8-bit companded
µ-law, and 8-bit com-
panded A-law. The AD1847 supports these four formats because
each of them have found wide use in important applications.
16-Bit Signed Format
The 16-bit signed format (also called 16-bit twos-complement)
is the standard method of representing 16-bit digital audio. This
format yields 96 dB of dynamic range and is common in con-
sumer compact disk audio players. This format uses the value
– 32768 (8000h) to represent minimum analog amplitude while
32767 (7FFFh) represents maximum analog amplitude. Inter-
mediate values are a linear interpolation between minimum and
maximum amplitude values.
MAX
MIN
8000h
DIGITAL VALUE
0000h
7FFFh
Figure 11. 16-Bit Signed Format
8-Bit Unsigned Format
The 8-bit unsigned format is commonly used in the personal
computer industry. This format delivers 48 dB of dynamic
range. The value 0 (00h) is used to represent minimum analog
amplitude while 255 (FFh) is used to represent maximum ana-
log amplitude. Intermediate values are a linear interpolation be-
tween minimum and maximum amplitude values. The least
significant byte of the 16-bit internal data is truncated to create
the 8-bit output samples.
MAX
MIN
00h
DIGITAL VALUE
7Fh
FFh
Figure 12. 8-Bit Unsigned Format
8-Bit Companded Formats
The 8-bit companded formats (
µ-law and A-law) are used in the
telecommunications industry. Both of these formats are used in
ISDN communications and workstations;
µ-law is the standard
for the United States and Japan while A-law is used in Europe.
Companded audio allows either 64 dB or 72 dB of dynamic
range using only 8-bits per sample. This is accomplished using a
nonlinear formula which assigns more digital codes to lower am-
plitude analog signals at the expense of resolution of higher am-
plitude signals. The
µ-law format of the AD1847 conforms to
the Bell System
µ = 255 companding law while the A-law format
conforms to CCITT “A” law models. Figure 13 shows approxi-
mately how both the
µ-law and A-law companding schemes be-
have. Refer to the standards mentioned above for an exact
definition.
MAX
MIN
00h
FFh
80h
AAh
µ-law
A-law
D5h
2Ah
DIGITAL VALUE
Figure 13. 8-Bit Companded Format
APPLICATIONS CIRCUITS
The AD1847 Stereo Codec has been designed to require a mini-
mum of external circuitry. The recommended circuits are shown
in Figures 14 through 22. Analog Devices estimates that the to-
tal cost of all the components shown in these Figures, including
crystals, to be less than $3 in 10,000 quantities.
Industry-standard compact disc “line-levels” are 2 Vrms centered
around analog ground. (For other audio equipment, “line level”
is much more loosely defined.) The AD1847 SoundPort is a
+5 V only powered device. Line level voltage swings for the
AD1847 are defined to be 1 Vrms for a sine wave ADC input and
0.707 Vrms for a sine wave DAC output. Thus, 2 Vrms input ana-
log signals must be attenuated and either centered around the
reference voltage intermediate between 0 V and +5 V or
ac-coupled. The VREF pin will be at this intermediate voltage,
nominally 2.25 V. It has limited drive but can be used as a volt-
age datum to an op amp input. Note, however, that dc-coupled
inputs are not recommended, as they provide no performance
benefits with the AD1847 architecture. Furthermore, dc offset
differences between multiple dc-coupled inputs create the po-
tential for “clicks” when changing the input mux selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com