Electronic Components Datasheet Search
  English  ▼

X  

AD1847 Datasheet(PDF) 25 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD1847 Datasheet HTML 20Page - Analog Devices AD1847 Datasheet HTML 21Page - Analog Devices AD1847 Datasheet HTML 22Page - Analog Devices AD1847 Datasheet HTML 23Page - Analog Devices AD1847 Datasheet HTML 24Page - Analog Devices AD1847 Datasheet HTML 25Page - Analog Devices AD1847 Datasheet HTML 26Page - Analog Devices AD1847 Datasheet HTML 27Page - Analog Devices AD1847 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD1847
REV. B
–25–
The crystals shown in the crystal connection circuitry of Figure
21 should be fundamental-mode and parallel-tuned. Two
sources for the exact crystals specified are Component Market-
ing Services in Massachusetts, U.S. at 617/762-4339 and
Cardinal Components in New Jersey, U.S. at 201/746-0333.
Note that using the exact data sheet frequencies is not required
and that external clock sources can be used to overdrive the
AD1847s internal oscillators. (See the description of the CFS2:0
control bits above.) If using an external clock source, apply it to
the crystal input pins while leaving the crystal output pins un-
connected. Attention should be paid to providing low-jitter ex-
ternal input clocks .
XTAL1I
XTAL1O
20
64pF
20
64pF
24.576MHz
XTAL2I
XTAL2O
20
64pF
20
64pF
16.9344MHz
Figure 21. Crystal Connections
Analog Devices also recommends a pull-down resistor on the
PWRDOWN
signal.
Good, standard engineering practices should be applied for
power-supply decoupling. Decoupling capacitors should be
placed as close as possible to package pins. If a separate analog
power supply is not available, the circuit shown in Figure 22 is
recommended when using a single +5 V supply. Ferrite beads
suffice for the inductors shown. This circuitry should be as close
to the supply pins as is practical.
+5V SUPPLY
0.1
µF
FERRITE
1
µF
0.1
µF
V
DD
V
DD
V
DD
0.1
µF
V
DD
0.1
µF
FERRITE
1
µF
1.6
0.1
µF
1
µF
V
CC
V
CC
0.1
µF
0.1
µF
Figure 22. Recommended Power Supply Bypassing
Analog Devices recommends a split ground plane as shown in
Figure 23. The analog plane and the digital plane are connected
directly under the AD1847. Splitting the ground plane directly
under the SoundPort Codec is optimal because analog pins will
be located directly above the analog ground plane and digital
pins will be located directly above the digital ground plane for
the best isolation. The digital and analog grounds should be tied
together in the vicinity of the AD1847. Other schemes may also
yield satisfactory results. If the split ground plane recommended
here is not possible, the AD1847 should be entirely over the
analog ground plane with the ASIC and DSP over the digital
plane.
DIGITAL
GROUND
PLANE
ANALOG
GROUND
PLANE
PWRDOWN
V
CC
BM
L_AUX2
AD1847
Figure 23. Recommended Ground Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com