Electronic Components Datasheet Search
  English  ▼

X  

AD1847 Datasheet(PDF) 28 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD1847 Datasheet HTML 20Page - Analog Devices AD1847 Datasheet HTML 21Page - Analog Devices AD1847 Datasheet HTML 22Page - Analog Devices AD1847 Datasheet HTML 23Page - Analog Devices AD1847 Datasheet HTML 24Page - Analog Devices AD1847 Datasheet HTML 25Page - Analog Devices AD1847 Datasheet HTML 26Page - Analog Devices AD1847 Datasheet HTML 27Page - Analog Devices AD1847 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
AD1847
REV. B
–28–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Lead PLCC
(P-44A)
0.032 (0.81)
0.026 (0.66)
0.021 (0.53)
0.013 (0.33)
0.056 (1.42)
0.042 (1.07)
0.025 (0.63)
0.015 (0.38)
0.180 (4.57)
0.165 (4.19)
0.63 (16.00)
0.59 (14.99)
0.110 (2.79)
0.085 (2.16)
0.040 (1.01)
0.025 (0.64)
0.050
(1.27)
BSC
0.656 (16.66)
0.650 (16.51)
SQ
0.695 (17.65)
0.685 (17.40)
SQ
0.048 (1.21)
0.042 (1.07)
0.048 (1.21)
0.042 (1.07)
40
6
TOP VIEW
39
29
18
17
PIN 1
IDENTIFIER
7
28
0.020
(0.50)
R
44-Terminal Plastic Thin Quad Flatpack (TQFP)
(ST-44)
TOP VIEW
(PINS DOWN)
1
33
34
44
11
12
23
22
0.018 (0.45)
0.012 (0.30)
0.031 (0.80)
BSC
0.394
(10.0)
SQ
0.472 (12.00) SQ
0.057 (1.45)
0.053 (1.35)
0.006 (0.15)
0.002 (0.05)
SEATING
PLANE
0.063 (1.60)
MAX
0.030 (0.75)
0.018 (0.45)
INDEX
PAGE
PRODUCT OVERVIEW . . . . . . . . . . . . . . . . . . . . . . . . 1
AD1847 SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . 2
ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
PINOUTS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
PIN DESCRIPTIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
AUDIO FUNCTIONAL DESCRIPTION . . . . . . . . . . . 7
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Analog Mixing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Analog-to-Digital Datapath . . . . . . . . . . . . . . . . . . . . . 7
Digital-to-Analog Datapath . . . . . . . . . . . . . . . . . . . . . 7
Digital Mixing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Analog Outputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Digital Data Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Power Supplies and Voltage Reference . . . . . . . . . . . . . 8
Clocks and Sample Rates . . . . . . . . . . . . . . . . . . . . . . . 8
CONTROL REGISTERS . . . . . . . . . . . . . . . . . . . . . . . . 9
Control Register Mapping . . . . . . . . . . . . . . . . . . . . . . 9
Control Word . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Left/Right Playback/Capture Data . . . . . . . . . . . . . . . 10
Status Word . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . : 11
Index Readback . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Indirect Mapped Registers . . . . . . . . . . . . . . . . . . . . . 12
Left Input Control Register . . . . . . . . . . . . . . . . . . . . 13
Right Input Control Register . . . . . . . . . . . . . . . . . . . 13
Left Auxiliary #1 Input Control Register . . . . . . . . . . 13
Right Auxiliary #1 Input Control Register . . . . . . . . . 13
Left Auxiliary #2 Input Control Register . . . . . . . . . . 14
Right Auxiliary #2 Input Control Register . . . . . . . . . 14
Left DAC Control Register . . . . . . . . . . . . . . . . . . . . . 14
Right DAC Control Register . . . . . . . . . . . . . . . . . . . . 14
Data Format Register . . . . . . . . . . . . . . . . . . . . . . . . . 15
Interface Configuration Register . . . . . . . . . . . . . . . . . 16
Pin Control Register . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Invalid Address . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Miscellaneous Information Register . . . . . . . . . . . . . . 17
Digital Mix Control Register . . . . . . . . . . . . . . . . . . . 17
Invalid Address . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Serial Data Interface . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Control Register Mapping Summary . . . . . . . . . . . . . 20
Daisy-Chained Multiple Codecs . . . . . . . . . . . . . . . . . 20
INITIALIZATION AND PROCEDURES . . . . . . . . . . 21
Reset and Power Down . . . . . . . . . . . . . . . . . . . . . . . 21
Clock Connections and Clock Rates . . . . . . . . . . . . . . 21
Mode Change Enable State . . . . . . . . . . . . . . . . . . . . 22
Digital Mix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Autocalibration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Changing Sample Rates . . . . . . . . . . . . . . . . . . . . . . . 22
DATA FORMAT DEFINITIONS . . . . . . . . . . . . . . . . 23
16-Bit Signed Format . . . . . . . . . . . . . . . . . . . . . . . . . 23
8-Bit Unsigned Format . . . . . . . . . . . . . . . . . . . . . . . . 23
8-Bit Companded Formats . . . . . . . . . . . . . . . . . . . . . 23
APPLICATIONS CIRCUITS . . . . . . . . . . . . . . . . . . . . 23
FREQUENCY RESPONSE PLOTS . . . . . . . . . . . . . . . 26
TIMING DIAGRAMS . . . . . . . . . . . . . . . . . . . . . . . . . 27
OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . 28
All brand or product names mentioned are trademarks or regis-
tered trademarks of their respective holders.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com