Electronic Components Datasheet Search
  English  ▼

X  

AD1847 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1847 Datasheet HTML 16Page - Analog Devices AD1847 Datasheet HTML 17Page - Analog Devices AD1847 Datasheet HTML 18Page - Analog Devices AD1847 Datasheet HTML 19Page - Analog Devices AD1847 Datasheet HTML 20Page - Analog Devices AD1847 Datasheet HTML 21Page - Analog Devices AD1847 Datasheet HTML 22Page - Analog Devices AD1847 Datasheet HTML 23Page - Analog Devices AD1847 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD1847
REV. B
–20–
IA3:0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
Index
0000
LSS1
LSS0
res
res
LIG3
LIG2
LIG1
LIG0
0
0001
RSS1
RSS0
res
res
RIG3
RIG2
RIG1
RIG0
1
0010
LMX1
res
res
LX1G4
LX1G3
LX1G2
LX1G1
LX1G0
2
0011
RMX1
res
res
RX1G4
RX1G3
RX1G2
RX1G1
RX1G0
3
0100
LMX2
res
res
LX2G4
LX2G3
LX2G2
LX2G1
LX2G0
4
0101
RMX2
res
res
RX2G4
RX2G3
RX2G2
RX2G1
RX2G0
5
0110
LDM
res
LDA5
LDA4
LDA3
LDA2
LDA1
LDA0
6
0111
RDM
res
RDA5
RDA4
RDA3
RDA2
RDA1
RDA0
7
1000
res
FMT
C/L
S/M
CFS2
CFS1
CFS0
CSL
8
1001
res
res
res
res
ACAL
res
res
PEN
9
1010
XCTL1
XCTL0
CLKTS
res
res
res
res
res
1 0
1011
inval
inval
inval
inval
inval
inval
inval
inval
1 1
1100
FRS
TSSEL
res
res
res
res
res
res
1 2
1101
DMA5
DMA4
DMA3
DMA2
DMA1
DMA0
res
DME
1 3
1110
inval
inval
inval
inval
inval
inval
inval
inval
1 4
1111
inval
inval
inval
inval
inval
inval
inval
inval
1 5
Figure 9. Register Map Summary
Control Register Mapping Summary
A detailed map of the control register bit assignments is summa-
rized for reference in Figure 9.
Daisy-Chained Multiple Codecs
Multiple AD1847s can be configured in a daisy-chain system
with a single master Codec and one or more slave Codecs.
Codecs in a daisy-chained configuration are synchronized at the
sample level.
The master and slave AD1847s should be powered-up together.
If this is not possible, the slave(s) should power-up before the
master Codec, such that the slave(s) are ready when the master
starts to drive the serial interface, and a serial data frame sync
(SDFS) can synchronize the master and slave(s).
The sample rate for the master and slave(s) should be pro-
grammed together. If this is not possible, the slave(s) should be
programmed before the master AD1847. A slave AD1847 enters
a time-out period after a new sample rate has been selected.
During this time-out period, a slave will ignore any activity on
the SDFS signal (i.e., frame syncs). There is no software means
to determine when a slave has exited from this time-out period
and is ready to respond to frame syncs. However, as long as the
AD1847 master is driving the serial interface, a frame sync will
not occur before the slave Codec(s) are ready.
Note that the time slots for all slave AD1847s must be assigned
to those slots which immediately follow the time slots consumed
by the master AD1847 so that the TSO (Time Slot Output)/TSI
(Time Slot Input) signaling operates properly. For example, in a
2-wire system with one master and one slave, the time slot as-
signment should be 0, 1, 2 (16, 17, 18) for the master AD1847,
and 3, 4, 5 (19, 20, 21) for the slave AD1847.
Figure 10 illustrates the connection between master and slave(s)
in a daisy-chained, multiple Codec system. Note that the TSI
pin of the master Codec should be tied to digital ground. The
XTAL1I pin of the slaves should be connected to digital
ground, and XTAL1O pin should be left unconnected, while
the XTAL2I pin should be connected to the CLKOUT pin of
the AD1847 master, and the XTAL2O pin generates a driven
version of the CLKOUT signal applied to the XTAL2I pin.
INITIALIZATION AND PROCEDURES
Reset and Power Down
A total reset of the AD1847 is defined as any event which
requires both the digital and analog section of the AD1847 to
return to a known and stable state. Total reset mode, as well as
power down, occurs when the PWRDOWN pin of the AD1847
has been asserted low for minimum power consumption. When
the PWRDOWN signal is deasserted, the AD1847 must be cali-
brated by setting the ACAL bit and exiting from the Mode
Change Enable (MCE) state.
The reset occurs, and only resets the digital section of the
AD1847, when the RESET pin of the AD1847 has been as-
serted LO to initialize all registers to known values. See the reg-
ister definitions for the exact values initialized. The register reset
defaults include TSSEL = 0 (1-wire system) and FRS = 0
(32 slots per frame). If the target application requires a 2-wire
system design or 16 slots per frame, the AD1847 can be
bootstrapped into these configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com