Electronic Components Datasheet Search
  English  ▼

X  

AD1847 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1847 Datasheet HTML 8Page - Analog Devices AD1847 Datasheet HTML 9Page - Analog Devices AD1847 Datasheet HTML 10Page - Analog Devices AD1847 Datasheet HTML 11Page - Analog Devices AD1847 Datasheet HTML 12Page - Analog Devices AD1847 Datasheet HTML 13Page - Analog Devices AD1847 Datasheet HTML 14Page - Analog Devices AD1847 Datasheet HTML 15Page - Analog Devices AD1847 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD1847
REV. B
–12–
Index Readback (16-Bit)
Data 15
Data 14
Data 13
Data 12
Data 11
Data 10
Data 9
Data 8
CLOR
MCE
RREQ
res
IA3
IA2
IA1
IA0
Data 7
Data 6
Data 5
Data 4
Data 3
Data 2
Data 1
Data 0
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
DATA7:0 Index Register Data. These bits are the readback data from the desired AD1847 Index Register referenced by the Index
Address from the previous Control Word (with the RREQ bit set). Read by the host CPU or DSP from the AD1847.
IA3:0
Index Register Address. These bits echo the indirect address (written during the previous Control Word (with the RREQ
bit set) of the desired AD1847 Index Register to be readback. Read by the host CPU or DSP from the AD1847.
RREQ
Read Request. This bit is set HI for Index Readback, echoing the RREQ state written by the host CPU or DSP in the
previous Control Word. Read by the host CPU or DSP from the AD1847.
res
Reserved for future expansion. All reserved bits read zero (LO).
MCE
Mode Change Enable. This bit echoes the MCE state written by the host CPU or DSP during the previous* Control
Word (with the RREQ bit set). Read by the host CPU or DSP from the AD1847.
CLOR
Clear Overrange. This bit echoes the CLOR state written by the host CPU or DSP during the previous Control Word
(with the RREQ bit set). Read by the host CPU or DSP from the AD1847.
Immediately after reset, the contents of this register is: 1110 0000 0000 0000 (E000h).
Indirect Mapped Registers
Following in Figure 6 is a table defining the mapping of AD1847 8-bit Index Registers to Index Address. These registers are accessed
by writing the appropriate 4-bit Index Address in the Control Word.
Index
Register Name
0
Left Input Control
1
Right Input Control
2
Left Aux #1 Input Control
3
Right Aux #l Input Control
4
Left Aux #2 Input Control
5
Right Aux #2 Input Control
6
Left DAC Control
7
Right DAC Control
8
Data Format
9
Interface Configuration
1 0
Pin Control
1 1
Invalid Address
1 2
Miscellaneous Information
1 3
Digital Mix Control
1 4
Invalid Address
1 5
Invalid Address
Figure 6. Index Register Mapping
A detailed description of each of the Index Registers is given below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com