Electronic Components Datasheet Search
  English  ▼

X  

AD1847 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 2 Page - Analog Devices

  AD1847 Datasheet HTML 1Page - Analog Devices AD1847 Datasheet HTML 2Page - Analog Devices AD1847 Datasheet HTML 3Page - Analog Devices AD1847 Datasheet HTML 4Page - Analog Devices AD1847 Datasheet HTML 5Page - Analog Devices AD1847 Datasheet HTML 6Page - Analog Devices AD1847 Datasheet HTML 7Page - Analog Devices AD1847 Datasheet HTML 8Page - Analog Devices AD1847 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
STANDARD TEST CONDITIONS UNLESS OTHERWISE NOTED
Temperature
25
°C
DAC Output Conditions
Digital Supply (VDD)
5.0
V
0 dB Attenuation
Analog Supply (VCC)
5.0
V
Full-Scale Digital Inputs
Word Rate (FS )
48
kHz
16-Bit Linear Mode
Input Signal
1007
Hz
No Output Load
Analog Output Passband
20
Hz to 20 kHz
Mute Off
FFT Size
4096
ADC Input Conditions
VIH
2.4
V
0 dB Gain
VIL
0.8
V
–3.0 dB Relative to Full Scale
VOH
2.4
V
Line Input
VOL
0.4
V
16-Bit Linear Mode
ANALOG INPUT
Min
Typ
Max
Units
Full-Scale Input Voltage (RMS Values Assume Sine Wave Input)
Line1, Line2, AUX1, AUX2
1
V rms
2.54
2.8
3.10
V p-p
Input Impedance
Line1, Line2, AUX1, AUX2†
10
k
Input Capacitance†
15
pF
PROGRAMMABLE GAIN AMPLIFIER—ADC
Min
Typ
Max
Units
Step Size (All Steps Tested, –30 dB Input)
1.10
1.5
1.90
dB
PGA Gain Range Span†
21.0
24.0
dB
AUXILIARY INPUT ANALOG AMPLIFIERS/ATTENUATORS
Min
Typ
Max
Units
Step Size (+12 dB to –28.5 dB, Referenced to DAC Full Scale)
1.3
1.5
1.7
dB
(–30 dB to –34.5 dB, Referenced to DAC Full Scale)
1.1
1.5
1.9
dB
Input Gain/Attenuation Range Span†
45.5
47.5
dB
AUX Input Impedance†
10
k
DIGITAL DECIMATION AND INTERPOLATION FILTERS†
Min
Max
Units
Passband
0
0.4
FS
Hz
Passband Ripple
–0.1
+0.1
dB
Transition Band
0.4
FS
0.6
FS
Hz
Stopband
0.6
FS
Hz
Stopband Rejection
74
dB
Group Delay
30/FS
Group Delay Variation Over Passband
0
µs
REV. B
AD1847–SPECIFICATIONS
–2–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com