Electronic Components Datasheet Search
  English  ▼

X  

AD1847 Datasheet(PDF) 24 Page - Analog Devices

Part # AD1847
Description  Serial-Port 16-Bit SoundPort Stereo Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1847 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1847 Datasheet HTML 20Page - Analog Devices AD1847 Datasheet HTML 21Page - Analog Devices AD1847 Datasheet HTML 22Page - Analog Devices AD1847 Datasheet HTML 23Page - Analog Devices AD1847 Datasheet HTML 24Page - Analog Devices AD1847 Datasheet HTML 25Page - Analog Devices AD1847 Datasheet HTML 26Page - Analog Devices AD1847 Datasheet HTML 27Page - Analog Devices AD1847 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD1847
REV. B
–24–
Circuits for 2 Vrms line-level inputs and auxiliaries are shown in
Figure 14 and Figure 15. Note that these are divide-by-two
resistive dividers. The input resistor and 560 pF (1000 pF)
capacitor provide the single-pole of antialias filtering required
for the ADCs. If line-level inputs are already at the 1 Vrms levels
expected by the AD1847, the resistors in parallel with the
560 pF (1000 pF) capacitors can be omitted. If the application
does not route the AUX2 inputs to the ADCs, then no antialias
filtering is required (only the 1
µF ac coupling capacitor).
5.1k
560pF
NPO
5.1k
0.33
µF
R_LINE1
R_LINE2
5.1k
560pF
NPO
5.1k
0.33
µF
L_LINE1
L_LINE2
Figure 14. 2 Vrms Line-Level Input Circuit for Line Inputs
3.3k
1000pF
NPO
4.3k
L_AUX1
L_AUX2
1
µF
R_AUX1
R_AUX2
3.3k
1000pF
NPO
4.3k
1
µF
Figure 15. 2 Vrms Line-Level Input Circuit for AUX Inputs
Figure 16 illustrates one example of how an electret condenser
microphone requiring phantom power could be connected to
the AD1847. VREF is shown buffered by an op amp; a transistor
like a 2N4124 will also work well for this purpose. Note that if a
battery-powered microphone is used, the buffer and R2s are not
needed. The values of R1, R2, and C should be chosen in light
of the mic characteristics and intended gain. Typical values for
these might be R1 = 20 k
Ω, R2 = 2 kΩ, and C = 220 pF.
1/2 SSM2135
OR AD820
R2
R2
LEFT
ELECTRET
CONDENSER
MICROPHONE
INPUT
5k
0.33
µF
L_LINE1
L_LINE2
1
µF
R1
C
1/2 SSM2135
OR AD820
V
REF
5k
0.33
µF
R_LINE1
R_LINE2
1
µF
R1
C
1/2 SSM2135
OR AD820
V
REF
RIGHT
ELECTRET
CONDENSER
MICROPHONE
INPUT
Figure 16. “Phantom-Powered” Microphone Input Circuit
Figure 17 shows ac-coupled line outputs. The resistors are
used to center the output signals around analog ground. If
dc-coupling is desired, VREF could be used with op amps as
mentioned previously.
47k
1
µF
L_OUT
47k
1
µF
R_OUT
Figure 17. Line Output Connections
A circuit for headphone drive is illustrated in Figure 18. Drive is
supplied by +5 V operational amps. The circuit shown ac
couples the headphones to the line output.
SSM2135
20k
470
µF
18k
V
REF
HEADPHONE
LEFT
20k
470
µF
18k
HEADPHONE
RIGHT
L_OUT
R_OUT
Figure 18. Headphone Drive Connections
Figure 19 illustrates reference bypassing. VREFI should only be
connected to its bypass capacitors.
10
µF
0.1
µF
V
REFI
10
µF
V
REF
Figure 19. Voltage Reference Bypassing
Figure 20 illustrates signal-path filtering capacitors, L_FILT
and R_FILT. The AD1847 must use 1.0
µF capacitors. The
1.0
µF capacitors required by the AD1847 can be of any type.
1.0
µF
LFILT
1.0
µF
RFILT
Figure 20. External Filter Capacitor Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com