Electronic Components Datasheet Search
  English  ▼

X  

AD9848 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9848 Datasheet HTML 2Page - Analog Devices AD9848 Datasheet HTML 3Page - Analog Devices AD9848 Datasheet HTML 4Page - Analog Devices AD9848 Datasheet HTML 5Page - Analog Devices AD9848 Datasheet HTML 6Page - Analog Devices AD9848 Datasheet HTML 7Page - Analog Devices AD9848 Datasheet HTML 8Page - Analog Devices AD9848 Datasheet HTML 9Page - Analog Devices AD9848 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
REV. 0
–6–
AD9848/AD9849
TIMING SPECIFICATIONS
(CL = 20 pF, fCLI = 20 MHz [AD9848] or 30 MHz [AD9849], Serial Timing in Figure 3, unless
otherwise noted.)
Parameter
Symbol
Min
Typ
Max
Unit
MASTER CLOCK (CLI), AD9848
CLI Clock Period
tCLI
50
ns
CLI High/Low Pulsewidth
tADC
25
ns
Delay From CLI to Internal Pixel Period Position
tCLIDLY
6ns
MASTER CLOCK (CLI), AD9849
CLI Clock Period
tCONV
33.33
ns
CLI High/Low Pulsewidth
tADC
16.67
ns
EXTERNAL MODE CLAMPING
CLPDM Pulsewidth
tCDM
4
10
Pixels
CLPOB Pulsewidth
1
tCOB
2
20
Pixels
SAMPLE CLOCKS
SHP Rising Edge to SHD Rising Edge (AD9848)
tS1
20
ns
SHP Rising Edge to SHD Rising Edge (AD9849)
tS1
13
ns
DATA OUTPUTS
Output Delay from Programmed Edge
tOD
6ns
Pipeline Delay
9
Cycles
SERIAL INTERFACE
Maximum SCK Frequency
fSCLK
10
MHz
SL to SCK Setup Time
tLS
10
ns
SCK to SL Hold Time
tLH
10
ns
SDATA Valid to SCK Rising Edge Setup
tDS
10
ns
SCK Falling Edge to SDATA Valid Hold
tDH
10
ns
SCK Falling Edge to SDATA Valid Read
tDV
10
ns
NOTES
1Maximum CLPOB pulsewidth is for functional operation only. Wider typical pulses are recommended to achieve low noise clamp reference.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com