Electronic Components Datasheet Search
  English  ▼

X  

AD9848 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9848 Datasheet HTML 4Page - Analog Devices AD9848 Datasheet HTML 5Page - Analog Devices AD9848 Datasheet HTML 6Page - Analog Devices AD9848 Datasheet HTML 7Page - Analog Devices AD9848 Datasheet HTML 8Page - Analog Devices AD9848 Datasheet HTML 9Page - Analog Devices AD9848 Datasheet HTML 10Page - Analog Devices AD9848 Datasheet HTML 11Page - Analog Devices AD9848 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
REV. 0
AD9848/AD9849
–8–
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
SL
REFT
REFB
CMLEVEL
AVSS3
AVDD3
CCDIN
(LSB) D0
D1
D2
D3
D4
NC = NO CONNECT
DVSS3
DVDD3
D5
D6
BYP2
AVDD2
AD9848
D7
AVSS2
D8
(MSB) D9
BYP1
BYP3
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
SL
REFT
REFB
CMLEVEL
AVSS3
AVDD3
CCDIN
D2
D3
D4
DVSS3
DVDD3
D5
D6
BYP2
AVDD2
AD9849
D7
AVSS2
D8
(MSB) D11
BYP1
BYP3
D9
D10
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Type
Description
1–5
D0–D4
DO
Data Outputs AD9848 Only
1–5
D2–D6
DO
Data Outputs AD9849 Only
6
DVSS3
P
Digital Ground 3 – Data Outputs
7
DVDD3
P
Digital Supply 3 – Data Outputs
8–12
D5–D9
DO
Data Outputs (D9 is MSB) AD9848 Only
8–12
D7–D11
DO
Data Outputs (D9 is MSB) AD9849 Only
13, 14
H1, H2
DO
Horizontal Clocks (to CCD)
15
DVSS1
P
Digital Ground 1 – H Drivers
16
DVDD1
P
Digital Supply 1 – H Drivers
17, 18
H3, H4
DO
Horizontal Clocks (to CCD)
19
DVSS2
P
Digital Ground 1 – H Drivers
20
RG
DO
Reset Gate Clock (to CCD)
21
DVDD2
P
Digital Supply 2 – RG Driver
22
AVSS1
P
Analog Ground 1
23
CLI
DI
Master Clock Input
24
AVDD1
P
Analog Supply 1
25
AVSS2
P
Analog Ground 2
26
AVDD2
P
Analog Supply 2
27
BYP1
AO
Bypass Pin (0.1
µF to AVSS)
28
BYP2
AO
Bypass Pin (0.1
µF to AVSS)
29
CCDIN
AI
Analog Input for CCD Signal
30
BYP3
AO
Bypass Pin (0.1
µF to AVSS)
31
AVDD3
P
Analog Supply 3
32
AVSS3
P
Analog Ground 3
33
CMLEVEL
AO
Internal Bias Level Decoupling (0.1
µF to AVSS)
34
REFB
AO
Reference Bottom Decoupling (1.0
µF to AVSS)
35
REFT
AO
Reference Top Decoupling (1.0
µF to AVSS)
36
SL
DI
3-Wire Serial Load (from
µP)
37
SDI
DI
3-Wire Serial Data Input (from
µP)
38
SCK
DI
3-Wire Serial Clock (from
µP)
39
CLPOB
DI
Optical Black Clamp Pulse
40
CLPDM
DI
Dummy Black Clamp Pulse
41
HBLK
DI
HCLK Blanking Pulse
42
PBLK
DI
Preblanking Pulse
43
VD
DI
Vertical Sync Pulse
44
HD
DI
Horizontal Sync Pulse
45
DVSS4
P
Digital Ground 4 – VD, HD, CLPOB, CLPDM, HBLK, PBLK, SCK, SL, SDATA
46
DVDD4
P
Digital Supply 4 – VD, HD, CLPOB, CLPDM, HBLK, PBLK, CK, SL, SDATA
47, 48
NC
NC
Internally Not Connected AD9848 Only
47, 48
D0, D1
DO
Data Output (D0 is LSB) AD9849 Only
NOTE
Type: AI = Analog Input, AO = Analog Output, DI = Digital Input, DO = Digital Output, P = Power
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com