Electronic Components Datasheet Search
  English  ▼

X  

AD9848 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9848
Description  CCD Signal Processors with Integrated Timing Driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9848 Datasheet HTML 18Page - Analog Devices AD9848 Datasheet HTML 19Page - Analog Devices AD9848 Datasheet HTML 20Page - Analog Devices AD9848 Datasheet HTML 21Page - Analog Devices AD9848 Datasheet HTML 22Page - Analog Devices AD9848 Datasheet HTML 23Page - Analog Devices AD9848 Datasheet HTML 24Page - Analog Devices AD9848 Datasheet HTML 25Page - Analog Devices AD9848 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
REV. 0
AD9848/AD9849
–22–
HORIZONTAL CLAMPING AND BLANKING
The AD9848/AD9849’s horizontal clamping and blanking
pulses are fully programmable to suit a variety of applications.
As with the vertical timing generation, individual sequences are
defined for each signal, which are then organized into multiple
regions during image readout. This allows the dark pixel clamp-
ing and blanking patterns to be changed at each stage of the
readout, in order to accommodate different image transfer tim-
ing and high-speed line shifts.
Individual CLPOB, CLPDM, and PBLK Sequences
The AFE horizontal timing consists of CLPOB, CLPDM, and
PBLK, as shown in Figure 9. These three signals are indepen-
dently programmed using the registers in Table IV. SPOL is the
start polarity for the signal, and TOG1 and TOG2 are the first
and second toggle positions of the pulse. All three signals are
active low, and should be programmed accordingly. Up to four
individual sequences can be created for each signal.
Individual HBLK Sequences
The HBLK programmable timing shown in Figure 10 is similar
to CLPOB, CLPDM, PBLK. However, there is not start polar-
ity control. Only the toggle positions are used, to designate the
start and the stop positions of the blanking period. Additionally,
there is a polarity control HBLKMASK which designates the
polarity of the horizontal clock signals H1 – H4 during the blank-
ing period. Setting HBLKMASK high will set H1 = H3 = low
and H2 = H4 = high during the blanking, as shown in Figure
11. Up to four individual sequences are available for HBLK.
(3)
(2)
(1)
HD
CLPOB
CLPDM
PBLK
. . .
NOTES
PROGRAMMABLE SETTINGS:
(1) START POLARITY (CLAMP AND BLANK REGION ARE ACTIVE LOW)
(2) FIRST TOGGLE POSITION
(3) SECOND TOGGLE POSITION
CLAMP
CLAMP
Figure 9. Clamp and Preblank Pulse Placement
(2)
(1)
HD
HBLK
. . .
NOTES
PROGRAMMABLE SETTINGS:
(1) FIRST TOGGLE POSITION = START OF BLANKING
(2) SECOND TOGGLE POSITION = END OF BLANKING
BLANK
BLANK
Figure 10. Horizontal Blanking (HBLK) Pulse Placement
Table IV. CLPOB, CLPDM, PBLK Individual Sequence Parameters
Register Name
Length
Range
Description
SPOL
1b
High/Low
Starting Polarity of Clamp and Blanking Pulses for Sequences 0–3
TOG1
12b
0–4095 Pixel Location
First Toggle Position within the Line for Sequences 0–3
TOG2
12b
0–4095 Pixel Location
Second Toggle Position within the Line for Sequences 0–3
Table V. HBLK Individual Sequence Parameters
Register Name
Length
Range
Description
HBLKMASK
1b
High/Low
Masking Polarity for H1 for Sequences 0–3 (0 = H1 Low, 1 = H1 High)
HBLKTOG1
12b
0–4095 Pixel Location
First Toggle Position within the Line for Sequences 0–3
HBLKTOG2
12b
0–4095 Pixel Location
Second Toggle Position within the Line for Sequences 0–3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com